công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30622ECTFP bảng dữ liệu(PDF) 133 Page - Mitsubishi Electric Semiconductor

tên linh kiện M30622ECTFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP bảng dữ liệu(HTML) 133 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 129Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 130Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 131Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 132Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 133Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 134Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 135Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 136Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 137Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 184 page
background image
133
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Clock asynchronous serial I/O (UART) mode
• Example of receive timing when transfer data is 8 bits long (parity disabled, one stop bit)
Figure 1.19.17. Typical receive timing in UART mode
_______ _______
(a) Separate CTS/RTS pins function (UART0)
_______ _______
_______
Setting the CTS/RTS separate bit (bit 6 of address 03B016) to "1" inputs/outputs the CTS signal and
_______
_______
_______
_______ _______
RTS signal from different pins. Choose which to use, CTS or RTS, by use of the CTS/RTS function
select bit (bit 2 of address 03A416). This function is effective in UART0 only. With this function cho-
_______ _______
_______ _______
sen, the user cannot use the CTS/RTS function. Set "0" both to the CTS/RTS function select bit (bit
_______ _______
2 of address 03AC16) and to the CTS/RTS disable bit (bit 4 of address 03AC16).
(b) Sleep mode (UART0, UART1)
This mode is used to transfer data between specific microcomputers among multiple microcomputers
connected using UARTi. The sleep mode is selected when the sleep select bit (bit 7 at addresses
03A016, 03A816) is set to “1” during reception. In this mode, the unit performs receive operation when
the MSB of the received data = “1” and does not perform receive operation when the MSB = “0”.
D0
Start bit
Sampled “L”
Receive data taken in
BRGi count
source
Receive enable bit
RxDi
Transfer clock
Receive
complete flag
RTSi
Stop bit
“1”
“0”
“0”
“1”
“H”
“L”
The above timing applies to the following settings :
•Parity is disabled.
•One stop bit.
•RTS function is selected.
Receive interrupt
request bit
“0”
“1”
Transferred from UARTi receive register to
UARTi receive buffer register
Reception triggered when transfer clock
is generated by falling edge of start bit
D7
D1
Cleared to “0” when interrupt request is accepted, or cleared by software
Note 1: In M30623(80-pin package), there is no external pin of RTS 2, so do not use the function using this pin.
_______ _______
Figure 1.19.18. The separate CTS/RTS pins function usage
Microcomputer
TXD0 (P63)
RXD0 (P62)
IN
OUT
CTS
RTS
CTS0 (P64)
RTS0 (P60)
IC
Note : The user cannot use CTS and RTS at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com