| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD78C18 bảng dữ liệu(PDF) 18 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD78C18 bảng dữ liệu(HTML) 18 Page - NEC |
|
18 / 110 page ![]() 18 µPD78C17,78C18 (e) L0 When the “MVI L, byte;LXI H, word” instruction is stacked, this flag is set (1). In all other cases, it is reset (0). (f) CY (Carry) When a 16-bit operation generates a carry out of or a borrow into bit 7 or 15, this flag is set (1). In all other cases, it is reset (0). When one of 35 types of ALU instructions, rotation instructions, or carry manipulation instructions is executed, various flags are affected as shown in Table 2-1. Table 2-1 Flag Operations ADDX ADCX SUBX SBBX ANAX ORAX XRAX ADDNCX SUBNBX GTAX LTAX ONAX OFFAX NEAX EQAX ADI ACI SUI SBI ANI ORI XRI ADINC SUINB GTI LTI ONI OFFI NEI EQI immediate reg, memory Operation skip D3 L1 D6 Z D5 SK D4 HC D2 L0 D0 CY RLR RLL SLR SLL DRLR DRLL DSLR DSLL SLRC SLLC STC CLC MVI A, byte MVI L, byte LXI H, word BIT SK SKN SKIT SKN IT RETS Other All instructions 0 0 0 0 0 0 q q 0 0 0 0 q q 0 0 0 0 q 0 0 0 0 0 q q 0 q 0 0 0 q q 1 0 0 q q 0 1 0 q qq q q 0 1 q 0 0 q q 0 q q q 1 00 q q q 0 0 0 q ........ Affected (Set or Reset) 1 ........ Set 0 ........ Reset ........ No† affected q ANIW ORIW GTIW LTIW ONIW OFFIW NEIW EQIW ADDW ADCW SUBW SBBW ANAW ORAW XRAW ADDNCW SUBNBW GTAW LTAW ONAW OFFAW NEAW EQAW INRW DCRW ADD ADC SUB SBB DADD DADC DSUB DSBB EADD ESUB ANA ORA XRA DAN DOR DXR ADDNC SUBNB GTA LTA DADDNC DSUBNB DGT DLT ONA OFFA DON DOFF NEA EQA DNE DEQ INR DCR DAA 0 0 0 0 q |