công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD78C18 bảng dữ liệu(PDF) 95 Page - NEC

tên linh kiện UPD78C18
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD78C18 bảng dữ liệu(HTML) 95 Page - NEC

Back Button UPD78C18 Datasheet HTML 91Page - NEC UPD78C18 Datasheet HTML 92Page - NEC UPD78C18 Datasheet HTML 93Page - NEC UPD78C18 Datasheet HTML 94Page - NEC UPD78C18 Datasheet HTML 95Page - NEC UPD78C18 Datasheet HTML 96Page - NEC UPD78C18 Datasheet HTML 97Page - NEC UPD78C18 Datasheet HTML 98Page - NEC UPD78C18 Datasheet HTML 99Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 110 page
background image
95
µPD78C17,78C18
MODE1
(M1)
X1
PF7 to PF0
PD7 to PD0
ALE
Note1
MODE0
(IO/M)
tCYC
Address (Upper)
Address (Lower)
tRDH
Read Data
tLDR
tAD
tRL
tRD
tRR
tAFR
tLA
tLL
tAR
tAL
tLR
tML
tIL
tLM
tLI
Address (Upper)
tLDW
tLA
tLL
tAL
tWD
tDW
tWDH
tWL
tWW
tLW
tLI
tAW
tIL
Write Data
Note2
X1
PF7 to PF0
PD7 to PD0
ALE
RD
WR
MODE0
(IO/M) Note
Address (Lower)
TIMING WAVEFORM
Read Operation
Notes 1. When MODE1 pin is pulled up, M1 signal is output to MODE1 pin in the 1st OP code fetch cycle.
2. When MODE0 pin is pulled up, IO/M signal is output to MODE0 pin in sr to sr2 register read cycle.
Write Operation
Note
When MODE0 pin is pulled up, IO/M signal is output to MODE0 pin in sr to sr2 register write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More