| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD750064CU bảng dữ liệu(PDF) 54 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD750064CU bảng dữ liệu(HTML) 54 Page - NEC |
|
54 / 82 page ![]() µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A) 54 Data Sheet U10165EJ2V0DS00 Instruction Number Number Addressing Mnemonic Operand of Machine Operation Skip Condition Group of Bytes Cycles Area Special GETINotes 1, 2 taddr 1 3 µPD750064 *10 • When TBR instruction PC11–0 ← (taddr) 3–0 + (taddr+1) • When TCALL instruction (SP–4) (SP–1) (SP–2) ← PC11–0 (SP–3) ← MBE, RBE, 0, 0 PC11–0 ← (taddr) 3–0 + (taddr+1) SP ← SP–4 • When instruction other than TBR and Depending on TCALL instructions the reference (taddr) (taddr+1) instruction is executed. instruction µPD750066, 750068 • When TBR instruction PC12–0 ← (taddr) 4–0 + (taddr+1) • When TCALL instruction (SP–4) (SP–1) (SP–2) ← PC11–0 (SP–3) ← MBE, RBE, 0, PC12 PC12–0 ← (taddr) 4–0 + (taddr+1) SP ← SP–4 • When instruction other than TBR and Depending on TCALL instructions the reference (taddr) (taddr+1) instruction is executed. instruction 3 µPD750064 *10 • When TBR instruction PC11–0 ← (taddr) 3–0 + (taddr+1) 4 • When TCALL instruction (SP–6) (SP–3) (SP–4) ← PC11–0 (SP–5) ← 0, 0, 0, 0 (SP–2) ← ×, ×, MBE, RBE PC11–0 ← (taddr) 3–0 + (taddr+1) SP ← SP–6 3 • When instruction other than TBR and Depending on TCALL instructions the reference (taddr) (taddr+1) instruction is executed. instruction 3 µPD750066, 750068 • When TBR instruction PC12–0 ← (taddr) 4–0 + (taddr+1) 4 • When TCALL instruction (SP–6) (SP–3) (SP–4) ← PC11–0 (SP–5) ← 0, 0, 0, PC12 (SP–2) ← ×, ×, MBE, RBE PC12–0 ← (taddr) 4–0 + (taddr+1) SP ← SP–6 3 • When instruction other than TBR and Depending on TCALL instructions the reference (taddr) (taddr+1) instruction is executed. instruction Notes 1. The TBR and TCALL instructions are the table definition assembler pseudo instructions of the GETI instruction. 2. The operations indicated with thick lines can be performed only in the Mk II mode. The other operations can be performed only in the Mk I mode. –––––––––––––––––––––––––––––––––– ––––––––––––– –––––––––––––––––––––––––––––––––– ––––––––––––– –––––––––––––––––––––––––––––––––– ––––––––––––– –––––––––––––––––––––––––––––––––– ––––––––––––– ––––––––––––– ––––––––––––– ––––––––––––––––––––––––––––––––––––– –––– ––––––––––––––––––––––––––––––––––––– –––– ––––––––––––– ––––––––––––––––––––––––––––––––––––– –––– ––––––––––––– ––––––––––––––––––––––––––––––––––––– –––– |