| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0214 bảng dữ liệu(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0214 bảng dữ liệu(HTML) 50 Page - STMicroelectronics |
|
50 / 245 page ![]() The STM32 Cortex-M4 instruction set PM0214 50/245 DocID022708 Rev 4 AND, ANDS {Rd,} Rn, Op2 Logical AND N,Z,C 3.5.2 on page 84 ASR, ASRS Rd, Rm, <Rs|#n> Arithmetic shift right N,Z,C 3.5.3 on page 85 B label Branch — 3.9.5 on page 141 BFC Rd, #lsb, #width Bit field clear — 3.9.1 on page 137 BFI Rd, Rn, #lsb, #width Bit field insert — 3.9.1 on page 137 BIC, BICS {Rd,} Rn, Op2 Bit clear N,Z,C 3.5.2 on page 84 BKPT #imm Breakpoint — 3.11.1 on page 170 BL label Branch with link — 3.9.5 on page 141 BLX Rm Branch indirect with link — 3.9.5 on page 141 BX Rm Branch indirect — 3.9.5 on page 141 CBNZ Rn, label Compare and branch if non zero — 3.9.6 on page 143 CBZ Rn, label Compare and branch if zero — 3.9.6 on page 143 CLREX — Clear exclusive — 3.4.9 on page 79 CLZ Rd, Rm Count leading zeros — 3.5.4 on page 86 CMN Rn, Op2 Compare negative N,Z,C,V 3.5.5 on page 87 CMP Rn, Op2 Compare N,Z,C,V 3.5.5 on page 87 CPSID iflags Change processor state, disable interrupts — 3.11.2 on page 171 CPSIE iflags Change processor state, enable interrupts — 3.11.2 on page 171 DMB — Data memory barrier — 3.11.4 on page 172 DSB — Data synchronization barrier — 3.11.4 on page 172 EOR, EORS {Rd,} Rn, Op2 Exclusive OR N,Z,C 3.5.2 on page 84 ISB — Instruction synchronization barrier — 3.11.5 on page 173 IT — If-then condition block — 3.9.7 on page 144 LDM Rn{!}, reglist Load multiple registers, increment after — 3.4.6 on page 75 LDMDB, LDMEA Rn{!}, reglist Load multiple registers, decrement before — 3.4.6 on page 75 LDMFD, LDMIA Rn{!}, reglist Load multiple registers, increment after — 3.4.6 on page 75 LDR Rt, [Rn, #offset] Load register with word — 3.4 on page 68 LDRB, LDRBT Rt, [Rn, #offset] Load register with byte — 3.4 on page 68 LDRD Rt, Rt2, [Rn, #offset] Load register with two bytes — 3.4.2 on page 70 LDREX Rt, [Rn, #offset] Load register exclusive — 3.4.8 on page 78 Table 21. Cortex-M4 instructions (continued) Mnemonic Operands Brief description Flags Page |