| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0214 bảng dữ liệu(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0214 bảng dữ liệu(HTML) 80 Page - STMicroelectronics |
|
80 / 245 page ![]() The STM32 Cortex-M4 instruction set PM0214 80/245 DocID022708 Rev 4 3.5 General data processing instructions Table 28 shows the data processing instructions. Table 28. Data processing instructions Mnemonic Brief description See ADC Add with carry ADD, ADC, SUB, SBC, and RSB on page 82 ADD Add ADD, ADC, SUB, SBC, and RSB on page 82 ADDW Add ADD, ADC, SUB, SBC, and RSB on page 82 AND Logical AND AND, ORR, EOR, BIC, and ORN on page 84 ASR Arithmetic shift right ASR, LSL, LSR, ROR, and RRX on page 85 BIC Bit clear AND, ORR, EOR, BIC, and ORN on page 84 CLZ Count leading zeros CLZ on page 86 CMN Compare negative CMP and CMN on page 87 CMP Compare CMP and CMN on page 87 EOR Exclusive OR AND, ORR, EOR, BIC, and ORN on page 84 LSL Logical shift left ASR, LSL, LSR, ROR, and RRX on page 85 LSR Logical shift right ASR, LSL, LSR, ROR, and RRX on page 85 MOV Move MOV and MVN on page 88 MOVT Move top MOVT on page 90 MOVW Move 16-bit constant MOV and MVN on page 88 MVN Move NOT MOV and MVN on page 88 ORN Logical OR NOT AND, ORR, EOR, BIC, and ORN on page 84 ORR Logical OR AND, ORR, EOR, BIC, and ORN on page 84 RBIT Reverse bits REV, REV16, REVSH, and RBIT on page 91 REV Reverse byte order in a word REV, REV16, REVSH, and RBIT on page 91 REV16 Reverse byte order in each halfword REV, REV16, REVSH, and RBIT on page 91 REVSH Reverse byte order in bottom halfword and sign extend REV, REV16, REVSH, and RBIT on page 91 ROR Rotate right ASR, LSL, LSR, ROR, and RRX on page 85 RRX Rotate right with extend ASR, LSL, LSR, ROR, and RRX on page 85 RSB Reverse subtract ADD, ADC, SUB, SBC, and RSB on page 82 SADD16 Signed add 16 SADD16 and SADD8 on page 92 SADD8 Signed add 8 SADD16 and SADD8 on page 92 SASX Signed add and subtract with exchange SASX and SSAX on page 97 SSAX Signed subtract and add with exchange SASX and SSAX on page 97 SBC Subtract with carry ADD, ADC, SUB, SBC, and RSB on page 82 |