| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0214 bảng dữ liệu(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0214 bảng dữ liệu(HTML) 53 Page - STMicroelectronics |
|
53 / 245 page ![]() DocID022708 Rev 4 53/245 PM0214 The STM32 Cortex-M4 instruction set 244 SMLAL RdLo, RdHi, Rn, Rm Signed multiply with accumulate (32 x 32 + 64), 64- bit result — 3.6.2 on page 110 SMLALBB, SMLALBT, SMLALTB, SMLALTT RdLo, RdHi, Rn, Rm Signed multiply accumulate long, halfwords — 3.6.5 on page 114 SMLALD, SMLALDX RdLo, RdHi, Rn, Rm Signed multiply accumulate long dual — 3.6.5 on page 114 SMLAWB, SMLAWT Rd, Rn, Rm, Ra Signed multiply accumulate, word by halfword Q 3.6.3 on page 111 SMLSD Rd, Rn, Rm, Ra Signed multiply subtract dual Q 3.6.6 on page 116 SMLSLD RdLo, RdHi, Rn, Rm Signed multiply subtract long dual — 3.6.6 on page 116 SMMLA Rd, Rn, Rm, Ra Signed most significant word multiply accumulate — 3.6.7 on page 118 SMMLS, SMMLR Rd, Rn, Rm, Ra Signed most significant word multiply subtract — 3.6.7 on page 118 SMMUL, SMMULR {Rd,} Rn, Rm Signed most significant word multiply — 3.6.8 on page 119 SMUAD {Rd,} Rn, Rm Signed dual multiply add Q 3.6.9 on page 120 SMULBB, SMULBT SMULTB, SMULTT {Rd,} Rn, Rm Signed multiply (halfwords) — 3.6.10 on page 121 SMULL RdLo, RdHi, Rn, Rm Signed multiply (32 x 32), 64- bit result — 3.6.2 on page 110 SSAT Rd, #n, Rm {,shift #s} Signed saturate Q 3.7.1 on page 125 SSAT16 Rd, #n, Rm Signed saturate 16 Q 3.7.2 on page 126 SSAX {Rd,} Rn, Rm Signed subtract and add with exchange GE 3.5.14 on page 97 SSUB16 {Rd,} Rn, Rm Signed subtract 16 — 3.5.13 on page 96 SSUB8 {Rd,} Rn, Rm Signed subtract 8 — 3.5.13 on page 96 STM Rn{!}, reglist Store multiple registers, increment after — 3.4.6 on page 75 STMDB, STMEA Rn{!}, reglist Store multiple registers, decrement before — 3.4.6 on page 75 STMFD, STMIA Rn{!}, reglist Store multiple registers, increment after — 3.4.6 on page 75 STR Rt, [Rn, #offset] Store register word — 3.4 on page 68 STRB, STRBT Rt, [Rn, #offset] Store register byte — 3.4 on page 68 Table 21. Cortex-M4 instructions (continued) Mnemonic Operands Brief description Flags Page |