| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0214 bảng dữ liệu(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0214 bảng dữ liệu(HTML) 55 Page - STMicroelectronics |
|
55 / 245 page ![]() DocID022708 Rev 4 55/245 PM0214 The STM32 Cortex-M4 instruction set 244 UDIV {Rd,} Rn, Rm Unsigned divide — 3.6.3 on page 111 UMAAL RdLo, RdHi, Rn, Rm Unsigned multiply accumulate accumulate long (32 x 32 + 32 +32), 64-bit result — 3.6.2 on page 110 UMLAL RdLo, RdHi, Rn, Rm Unsigned multiply with accumulate (32 x 32 + 64), 64- bit result — 3.6.2 on page 110 UMULL RdLo, RdHi, Rn, Rm Unsigned multiply (32 x 32), 64-bit result — 3.6.2 on page 110 UQADD16 {Rd,} Rn, Rm Unsigned saturating add 16 — 3.7.7 on page 131 UQADD8 {Rd,} Rn, Rm Unsigned saturating add 8 — 3.7.7 on page 131 UQASX {Rd,} Rn, Rm Unsigned saturating add and subtract with exchange — 3.7.6 on page 130 UQSAX {Rd,} Rn, Rm Unsigned saturating subtract and add with exchange — 3.7.6 on page 130 UQSUB16 {Rd,} Rn, Rm Unsigned saturating subtract 16 — 3.7.7 on page 131 UQSUB8 {Rd,} Rn, Rm Unsigned saturating subtract 8 — 3.7.7 on page 131 USAD8 {Rd,} Rn, Rm Unsigned sum of absolute differences — 3.5.22 on page 105 USADA8 {Rd,} Rn, Rm, Ra Unsigned sum of absolute differences and accumulate — 3.5.23 on page 106 USAT Rd, #n, Rm {,shift #s} Unsigned saturate Q 3.7.1 on page 125 USAT16 Rd, #n, Rm Unsigned saturate 16 Q 3.7.2 on page 126 UASX {Rd,} Rn, Rm Unsigned add and subtract with exchange GE 3.5.17 on page 100 USUB16 {Rd,} Rn, Rm Unsigned subtract 16 GE 3.5.24 on page 107 USUB8 {Rd,} Rn, Rm Unsigned subtract 8 GE 3.5.24 on page 107 UXTAB {Rd,} Rn, Rm,{,ROR #} Rotate, extend 8 bits to 32 and add — 3.8.3 on page 135 UXTAB16 {Rd,} Rn, Rm,{,ROR #} Rotate, dual extend 8 bits to 16 and add — 3.8.3 on page 135 UXTAH {Rd,} Rn, Rm,{,ROR #} Rotate, unsigned extend and add halfword — 3.8.3 on page 135 UXTB {Rd,} Rm {,ROR #n} Zero extend a byte — 3.8.2 on page 134 UXTB16 {Rd,} Rm {,ROR #n} Unsigned extend byte 16 — 3.8.2 on page 134 UXTH {Rd,} Rm {,ROR #n} Zero extend a halfword — 3.8.2 on page 134 VABS.F32 Sd, Sm Floating-point absolute — 3.10.1 on page 149 VADD.F32 {Sd,} Sn, Sm Floating-point add — 3.10.2 on page 150 Table 21. Cortex-M4 instructions (continued) Mnemonic Operands Brief description Flags Page |