công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM0020 bảng dữ liệu(PDF) 82 Page - STMicroelectronics

tên linh kiện PM0020
Giải thích chi tiết về linh kiện  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 bảng dữ liệu(HTML) 82 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 78Page - STMicroelectronics PM0020 Datasheet HTML 79Page - STMicroelectronics PM0020 Datasheet HTML 80Page - STMicroelectronics PM0020 Datasheet HTML 81Page - STMicroelectronics PM0020 Datasheet HTML 82Page - STMicroelectronics PM0020 Datasheet HTML 83Page - STMicroelectronics PM0020 Datasheet HTML 84Page - STMicroelectronics PM0020 Datasheet HTML 85Page - STMicroelectronics PM0020 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 87 page
background image
ISC logic description
PM00020
82/87
12.5.20
ISC_ERASE
Description:
Erase single/multiple/all sectors
Requirement:
Part is in ISC mode
Register:
ISC_Sector
Shift-In:
64 bits for sector to be erased
Shift-Out:
64 bits don't care
Mode:
ISC
Security:
Partially functional. If secured, only full chip erase (shift in of 64 '1's) is
allowed
When secured, only full chip erase is allowed; i.e. all sectors must be selected for erase.
This is done by shifting in all 64 '1's in step 2 above.
Security status is updated at the end of full chip erase.
If an erase operation is executed on the Configuration Sector, it erases only the information
related to sector protection, CSx mapping, and LVDconfiguration. The Lock OTP information
is not affected. Remember that the Lock OTP can never be erased.
Table 48.
ISC_ERASE sequence
Step
Tap activity
Comment
0
Run-Test/Idle
Start
1
IR-Scan
Load ISC_ERASE
2
DR-Scan
Shift in sector(s) to be erased.
'1' erase; '0' don't erase
3
Run-Test/Idle
Erase starts
Begin polling
4
IR-Scan
Load ISC-NOOP
5
DR-Scan
Shift out status
Repeat step 5 until ready = 1
6
Run-Test/Idle
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87