| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0020 bảng dữ liệu(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0020 bảng dữ liệu(HTML) 55 Page - STMicroelectronics |
|
55 / 87 page ![]() PM00020 Verify operation 55/87 8 Verify operation Table 27. Verify operation description Description Flow in sequence Check Flash Memory JTAG Device ID IDCODE if device is secured, exit with error if ID not matched, exit with error Enable Turbo Programming Mode TURBO-PROG-ENABLE Enter ISC mode ISC-ENABLE Verify the following sector: a. Main Flash b. Secondary Flash c. OTP - do not compare the last 2 bytes (16 bits) /verify one sector at a time /repeat until all sectors are verified ISC-READ (Sector) /compare with expected data if error, report verify error Verify Configuration sector ISC-CONFIGURATION /compare with expected data if error, report verify error Verify User-Code USERCODE /compare with expected data if error, report verify error Disable ISC mode ISC-DISABLE Disable Turbo Programming Mode Disabling by either power-down or taking JTRSTn to low |