| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0020 bảng dữ liệu(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0020 bảng dữ liệu(HTML) 56 Page - STMicroelectronics |
|
56 / 87 page ![]() Blank-check operation PM00020 56/87 9 Blank-check operation Table 28. Blank check operation description Description Flow in sequence Check Flash Memory JTAG Device ID IDCODE if device is secured, exit with error if ID not matched, exit with error Enable Turbo Programming Mode TURBO-PROG-ENABLE Enter ISC mode ISC-ENABLE Blank-Check selected sectors, except OTP ISC-BLANK-CHECK (all selected sectors except OTP) if not blank, report each non-blank sector Blank-Check OTP sector: (a) read OTP sector from DUT (b) compare FF’s with the first 30 bytes. Do not compare the last 2 bytes (16 bits) ISC-READ (OTP Sector) /compare FF’s with the first 30 bytes of data if error, report OTP non-blank error Disable ISC mode ISC-DISABLE Disable Turbo Programming Mode Disabling by either power-down or taking JTRSTn to low |