| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3955 bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3955 bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 68 page ![]() ISO/IEC 14443-3 layers AN3955 32/68 Doc ID 022017 Rev 1 The ISO14443A_AnticollisionLevel3 function sends an anticollision (level 3) command to a contactless tag. Table 39 describes the ISO14443A_AnticollisionLevel3 function. Table 39. ISO14443A_AnticollisionLevel3 function description The ISO14443A_SelectLevel1 function sends a Select (level 1) command to a contactless tag. Table 40 describes the ISO14443A_SelectLevel1 function. Table 40. ISO14443A_SelectLevel1 function description The ISO14443A_SelectLevel2 function sends a Select (level 2) command to a contactless tag. Table 41 describes the ISO14443A_SelectLevel2 function. Table 41. ISO14443A_SelectLevel2 functiond description Prototype int8_t ISO14443A_AnticollisionLevel3 (uint8_t *pResponse); Input parameter None Output parameter pResponse: Pointer to the CR95HF response Return parameter RESULTOK: The anticollision (level 3) command is successfully emitted to a contactless tag. CR95HF_ERROR_CODE: Function failed. The CR95HF returns an error code. Prototype int8_t ISO14443A_SelectLevel1 (uc8 NbByteUIDin, uc8*UIDin, uint8_t*pResponse); Input parameter NbByteUIDin: Number of bytes of UID in parameter UIDin: Pointer of contacless tag UID Output parameter pResponse: Pointer to the CR95HF response Return parameter RESULTOK: The Select (level 1) command is successfully emitted to a contactless tag. ISO14443A_ERRORCODE_PARAMETER: NbByteUIDin is incorrect. CR95HF_ERROR_CODE: Function failed. The CR95HF returns an error code. Prototype int8_t ISO14443A_SelectLevel2 (uc8 NbByteUIDin, uc8*UIDin, uint8_t*pResponse); Input parameter NbByteUIDin: Number of bytes of UIDin parameter UIDin: Pointer of contacless tag UID Output parameter pResponse: Pointer to the CR95HF response Return parameter RESULTOK: The Select (level 2) command is successfully emitted to a contactless tag. ISO14443A_ERRORCODE_PARAMETER: NbByteUIDin is incorrect. CR95HF_ERROR_CODE: Function failed. The CR95HF returns an error code. |