| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3955 bảng dữ liệu(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3955 bảng dữ liệu(HTML) 62 Page - STMicroelectronics |
|
62 / 68 page ![]() Project example AN3955 62/68 Doc ID 022017 Rev 1 7.3.1 Standard peripheral drivers The Keil µvision® project was built from the MCD standard peripheral library (StdPeriph_Driver). It can be downloaded from the STMicroelectronics internet site at http://www.st.com. It is used to drive all the peripherals used by your application. 7.3.2 Drivers Some complementary drivers were developped for this application. They are grouped together in the User Drivers directory: ● drv_UART : driver on UART serial interface for the communication to CR95HF. The MCU can communicate with CR95HF using either UART or SPI serial interface. ● drv_SPI : driver on SPI serial interface for the communication with CR95HF ● drv_lcd : driver of LCD of STM3210B-EVAL board ● drv_LED : driver of LED of STM3210B-EVAL board ● drv_CR95HF : driver of CR95HF. This driver groups functions linked to MCU hardware. (the function to configure the GPIO of the MCU). 7.3.3 Libraries The libraries used in this project are: ● CR95HF library ● ISO/IEC 14443_A library ● ISO/IEC 14443_B library ● SRIX4K library The libraries are independent of the hardware and can be reused on a different board. Furthermore, the lib-fonts.c library defines the test fonts for LCD drivers. 7.4 Application functions The application is intended to handle three kinds of contactless tag: ● ISO/IEC 14443-3 Type A contactless tag (function User_Get14443ATag()) ● ISO/IEC 14443-3 Type B contactless tag (function User_Get14443ATag()) ● SRIx contactless tag (function USer_Get14443SRTag()) The end of the infinite loop turns off the RF field (function CR95HF_FieldOff()). |