| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3955 bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3955 bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 68 page ![]() CR95HF low level layer AN3955 22/68 Doc ID 022017 Rev 1 4.11 SendEOF function This function emits an RF pulse (EOF). Table 19 describes the CR95HF_SendEOF function. 4.12 FieldOff function This function switches off the RF field. Table 20 describes the CR95HF_FieldOff function. 4.13 HexCommandToStringCommand function This function returns the command ASCII code. Table 21 describes the CR95HF_HexCommandToStringCommand function. Table 19. CR95HF_SendEOF function description Prototype result = int8_t CR95HF_SendEOF(uint8_t *pResponse); Input parameter None Output parameter pResponse: Pointer to the CR95HF response Return parameter CR95HF_SUCCESS_CODE: Function is successful. Table 20. CR95HF_FieldOff function description Prototype result = int8_t CR95HF_FieldOff(void); Input parameter None Output parameter None Return parameter CR95HF_SUCCESS_CODE: Function is successful. Table 21. CR95HF_HexCommandToStringCommand function description Prototype result = int8_t CR95HF_HexCommandToStringCommand (uint8_t CmdCode, uint8_t *StringCommand, uint8_t *CmdNameNbByte); Input parameter CmdCode: Command code (one byte) Output parameter StringCommand: Command string (ASCII format) CmdNameNbByte: Number of bytes in the command code Return parameter CR95HF_SUCCESS_CODE: Function is successful. |