| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3955 bảng dữ liệu(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3955 bảng dữ liệu(HTML) 65 Page - STMicroelectronics |
|
65 / 68 page ![]() AN3955 Project example Doc ID 022017 Rev 1 65/68 7.4.3 Detect an ISO/IEC 14443-3 Type B tag function The ISO14443B_IsPresent function is used in order to detect an ISO/IEC 14443-3 Type B contactless tag. This function configures CR95HF to communicate with an ISO/IEC 14443-3 Type B contactless tag and sends an REQB command. If a tag response is detected, the ISO14443B_IsPresent function returns RESULTOK. Figure 8 describes how to detect an ISO/IEC 14443-3 Type B tag. Figure 8. Flowchart of User detects an ISO/IEC 14443-3 Type B tag 7.4.4 Detect an SRIX tag function The SRIX4K_IsPresent function is used in order to detect an SRIX contactless tag. This function configures CR95HF in order to communicate with an ISO/IEC 14443-3 Type B contactless tag and sends an Initiate command. The following table describes how the SRIX4K_IsPresent function detects an SRIX tag. MS19956V1 Start END Select 14443-3 type B protocol Send A REQB command Table 102. Detection of an SRIX tag function Step Action 1 The SRIX4K_IsPresent function configures the CR95HF to communicate with an ISO/IEC 14443-3 Type B contactless tag and sends an Initiate command. 2 If a tag has been detected, it returns RESULTOK. 3 It gets the UID by using the Advanced function SRIX4K_GetUIDadvanced. |