| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3955 bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3955 bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 68 page ![]() AN3955 CR95HF low level layer Doc ID 022017 Rev 1 23/68 4.14 IsReaderResultCodeOk function This function returns CR95HF_SUCCESS_CODE if the CR95HF command has succeeded. Table 22 describes the CR95HF_IsReaderResultCodeOk function. 4.15 IsReaderErrorCode function This function returns CR95HF_SUCCESS_CODE value if the CR95HF command has returned an error code. Table 23 describes the CR95HF_IsReaderErrorCode function. 4.16 IsCommandExists function This function returns CR95HF_SUCCESS_CODE if the CmdCode value exists. Table 24 describes the CR95HF_IsCommandExists function. Table 22. CR95HF_IsReaderResultCodeOk function description Prototype result = int8_t CR95HF_IsReaderResultCodeOk (uint8_t CmdCode,uc8 *ReaderReply); Input parameter CmdCode: Command code (one byte) ReaderReply: Pointer to CR95HF response Output parameter None Return parameter CR95HF_NOREPLY_CODE: No CR95HF response CR95HF_SUCCESS_CODE: Function is successful. CR95HF_ERROR_CODE: Function failed. CR95HF does not return a correct code. Table 23. CR95HF_IsReaderErrorCode function description Prototype result = int8_t CR95HF_IsReaderErrorCode (uint8_t CmdCode,uint8_t *ReaderReply); Input parameter CmdCode: Command code (one byte) ReaderReply: Pointer to CR95HF response Output parameter None Return parameter CR95HF_NOREPLY_CODE: No CR95HF response CR95HF_SUCCESS_CODE: Function is successful. CR95HF_ERROR_CODE: Function failed. CR95HF does not return an error code. Table 24. CR95HF_IsCommandExists function description Prototype result = int8_t CR95HF_IsCommandExists(uint8_t CmdCode); Input parameter CmdCode: Command code (one byte) Output parameter None Return parameter CR95HF_SUCCESS_CODE: Function is successful. CR95HF_ERRORCODE_COMMANDUNKNOWN: The command code is unknown. |