công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3955 bảng dữ liệu(PDF) 59 Page - STMicroelectronics

tên linh kiện AN3955
Giải thích chi tiết về linh kiện  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 bảng dữ liệu(HTML) 59 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 55Page - STMicroelectronics AN3955 Datasheet HTML 56Page - STMicroelectronics AN3955 Datasheet HTML 57Page - STMicroelectronics AN3955 Datasheet HTML 58Page - STMicroelectronics AN3955 Datasheet HTML 59Page - STMicroelectronics AN3955 Datasheet HTML 60Page - STMicroelectronics AN3955 Datasheet HTML 61Page - STMicroelectronics AN3955 Datasheet HTML 62Page - STMicroelectronics AN3955 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
AN3955
SRIX4K library
Doc ID 022017 Rev 1
59/68
6.1.7
SRIX4K Advanced function
The SRIX4K_GetUIDadvanced function returns UID field of a contactless tag. Table 98
describes the SRIX4K_GetUIDadvanced function.
The SRIX4k_GetChipIDAndSelectIt function returns a ChipId of a contactless tag and
sends a SelectChipId command.
Table 99 describes the SRIX4k_GetChipIDAndSelectIt function.
Table 99.
SRIX4K_GetChipIDAndSelectIt function description
The SRIX4K_Anticollision function runs an anti-collision sequence. Table 100
describes the SRIX4K_Anticollision function.
Table 98.
SRIX4K_GetUIDadvanced function description
Prototype
int8_t SRIX4K_GetUIDadvanced(uint8_t*UID
field);
Input parameter
None
Output parameter
UIDfield: Pointer to the UID field of a contactless tag
Return parameter
RESULTOK: Function is successful. Contactless tag
response validated.
ERRORCODE_GENERIC: Function failed. CR95HF returns
an error code.
Prototype
int8_t SRIX4K_GetChipIDAndSelectIt(uint8
_t*ChipID);
Input parameter
None
Output parameter
ChipID: Chip ID of a contactless tag
Return parameter
RESULTOK: Function is successful. Contactless tag
response validated.
ERRORCODE_GENERIC: Function failed. CR95HF returns
an error code.
Table 100.
SRIX4K_Anticollision function description
Prototype
int8_t SRIX4K_Anticollision(uint8_t*NbT
agInventoried, uint8_t*ChipIdArray);
Input parameter
None
Output parameter
NbTagInventoried: Number of tags inventoried in RF field
*ChipIdArray: Pointer to the ChipId of the tag inventoried
(the length of a ChipId is one byte).
Return parameter
RESULTOK: Function is successful.
ERRORCODE_GENERIC: Function failed. A parameter
value is incorrect or CR95HF returns an error code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68