công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F363AMNFA bảng dữ liệu(PDF) 105 Page - Renesas Technology Corp

tên linh kiện R5F363AMNFA
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AMNFA bảng dữ liệu(HTML) 105 Page - Renesas Technology Corp

Back Button R5F363AMNFA Datasheet HTML 101Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 102Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 103Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 104Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 105Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 106Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 107Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 108Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 119 page
background image
R01DS0033EJ0220 Rev.2.20
Page 105 of 115
Nov 01, 2012
M16C/63 Group
5. Electrical Characteristics
5.4
Electrical Characteristics (VCC1 = VCC2 = 1.8 V)
5.4.1
Electrical Characteristics
VCC1 = VCC2 = 1.8 V
Note:
1.
When VCC1 ≠ VCC2, refer to 5 V, 3 V, or 1.8 V standard depending on the voltage.
Table 5.62
Electrical Characteristics (1) (1)
1.8 V
≤ V
CC1 = VCC2 < 2.7 V, VSS = 0 V at Topr = -20°C to 85°C/-40°C to 85°C, f(BCLK) = 5 MHz unless otherwise
specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
VOH
High
output
voltage
P6_0 to P6_7, P7_2 to P7_7,
P8_0 to P8_4, P8_6, P8_7,
P9_0 to P9_7, P10_0 to P10_7
IOH = −1 mA
VCC1 − 0.5
VCC1
V
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7
IOH = −1 mA
VCC2 − 0.5
VCC2
VOH
High output voltage
XOUT
HIGHPOWER
IOH = −0.1 mA
VCC1 − 0.5
VCC1
V
LOWPOWER
IOH = −50 μAVCC1 − 0.5
VCC1
High output voltage
XCOUT
With no load applied
1.5
V
VOL
Low output
voltage
P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_0 to P9_7,
P10_0 to P10_7
IOL = 1 mA
0.5
V
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7
IOL = 1 mA
0.5
VOL
Low output voltage
XOUT
HIGHPOWER
IOL = 0.1 mA
0.5
V
LOWPOWER
IOL = 50 μA0.5
Low output voltage
XCOUT
With no load applied
0
V
VT+-VT- Hysteresis HOLD, RDY, TA0IN to TA4IN,
TB0IN to TB5IN,
INT0 to INT7, NMI,
ADTRG, CTS0 to CTS2, CTS5 to CTS7,
SCL0 to SCL2, SCL5 to SCL7,
SDA0 to SDA2, SDA5 to SDA7,
CLK0 to CLK7, TA0OUT to TA4OUT,
KI0 to KI7, RXD0 to RXD2,
RXD5 to RXD7, SIN3, SIN4,
SD, PMC0,
PMC1,
SCLMM, SDAMM, CEC
VCC1 = VCC2 = 1.8 V
0.02
0.1
V
VT+-VT- Hysteresis RESET
VCC1 = VCC2 = 1.8 V
0.05
0.15
V
IIH
High input
current
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_0 to P9_7,
P10_0 to P10_7
XIN,
RESET, CNVSS, BYTE
VI = 1.8 V
2.0
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com