công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F363AMNFA bảng dữ liệu(PDF) 71 Page - Renesas Technology Corp

tên linh kiện R5F363AMNFA
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AMNFA bảng dữ liệu(HTML) 71 Page - Renesas Technology Corp

Back Button R5F363AMNFA Datasheet HTML 67Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 68Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 69Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 70Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 71Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 72Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 73Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 74Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 119 page
background image
R01DS0033EJ0220 Rev.2.20
Page 71 of 115
Nov 01, 2012
M16C/63 Group
5. Electrical Characteristics
VCC1 = VCC2 = 5 V
Timing Requirements
(VCC1 = VCC2 = 5 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
5.2.3
Timing Requirements (Memory Expansion Mode and Microprocessor
Mode)
Notes:
1.
Calculated according to the BCLK frequency as follows:
2.
Calculated according to the BCLK frequency as follows:
n is 1 for 1 wait setting, 2 for 2 waits setting and 3 for 3 waits setting.
3.
Calculated according to the BCLK frequency as follows:
n is 2 for 2 waits setting, and 3 for 3 waits setting.
4.
Calculated according to the BCLK frequency as follows:
n is 3 for 2
φ + 3φ, 4 for 2φ + 4φ, 4 for 3φ + 4φ, and 5 for 4φ + 5φ.
Table 5.35
Memory Expansion Mode and Microprocessor Mode
Symbol
Parameter
Standard
Unit
Min.
Max.
tac1(RD-DB)
Data input access time (for setting with no wait)
(Note 1)
ns
tac2(RD-DB)
Data input access time (for setting with 1 to 3 waits)
(Note 2)
ns
tac3(RD-DB)
Data input access time (when accessing multiplex bus area)
(Note 3)
ns
tac4(RD-DB)
Data input access time (for setting with 2
φ + 3φ or more)
(Note 4)
ns
tsu(DB-RD)
Data input setup time
40
ns
tsu(RDY-BCLK)
RDY input setup time
80
ns
th(RD-DB)
Data input hold time
0ns
th(BCLK-RDY)
RDY input hold time
0ns
0.5 10
9
×
f BCLK
()
----------------------45 ns
[]
–
n 0.5
+
() 10
9
×
f BCLK
()
------------------------------------ 45 ns
[]
–
n 0.5
–
() 10
9
×
f BCLK
()
------------------------------------45 ns
[]
–
n 10
9
×
f BCLK
()
------------------45 ns
[]
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com