công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F363AMNFA bảng dữ liệu(PDF) 56 Page - Renesas Technology Corp

tên linh kiện R5F363AMNFA
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AMNFA bảng dữ liệu(HTML) 56 Page - Renesas Technology Corp

Back Button R5F363AMNFA Datasheet HTML 52Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 53Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 54Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 55Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 56Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 57Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 58Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 59Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 119 page
background image
R01DS0033EJ0220 Rev.2.20
Page 56 of 115
Nov 01, 2012
M16C/63 Group
5. Electrical Characteristics
5.1.5
Flash Memory Electrical Characteristics
Notes:
1.
Set the PM17 bit in the PM1 register to 1 (one wait).
2.
When the frequency is 1.8
≤ V
CC1 ≤ 3.0 V, set the FMR17 bit in the FMR1 register to 0 (one wait) or the PM17 bit
in the PM1 register to 1 (one wait)
3.
Set the PM17 bit in the PM1 register to 1 (one wait). When using 125 kHz on-chip oscillator clock or sub clock as
the CPU clock source, a wait is not necessary.
Notes:
1.
Definition of program and erase cycles:
The program and erase cycles refer to the number of per-block erasures. If the program and erase cycles are n
(n = 1,000), each block can be erased n times. For example, if a block is erased after writing 2 word data 16,384
times, each to a different address, this counts as one program and erase cycles. Data cannot be written to the
same address more than once without erasing the block (rewrite prohibited).
2.
Cycles to guarantee all electrical characteristics after program and erase. (1 to Min. value can be guaranteed).
3.
In a system that executes multiple programming operations, the actual erasure count can be reduced by writing
to sequential addresses in turn so that as much of the block as possible is used up before performing an erase
operation. It is advisable to retain data on the erasure cycles of each block and limit the number of erase
operations to a certain number.
4.
If an error occurs during block erase, attempt to execute the clear status register command, then execute the
block erase command at least three times until the erase error does not occur.
5.
Customers desiring program/erase failure rate information should contact a Renesas Electronics sales office.
6.
The data hold time includes time that the power supply is off or the clock is not supplied.
7.
After an erase start or erase restart, if an interval of at least 20 ms is not set before the next suspend request, the
erase sequence cannot be completed.
Table 5.9
CPU Clock When Operating Flash Memory (f(BCLK))
VCC1 = 1.8 to 5.5 V, Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified.
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
-
CPU rewrite mode
10 (1)
MHz
f(SLOW_R)
Slow read mode
5 (3)
MHz
-
Low current consumption read mode
fC(32.768)
35
kHz
-
Data flash read
3.0 V < VCC1 ≤ 5.5 V
20 (2)
MHz
Table 5.10
Flash Memory (Program ROM 1, 2) Electrical Characteristics
VCC1 = 2.7 to 5.5 V at Topr = 0°C to 60°C (option: -40°C to 85°C), unless otherwise specified.
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
-
Program and erase cycles (1), (3), (4) VCC1 = 3.3 V, Topr = 25°C
1,000 (2)
times
-
2 word program time
VCC1 = 3.3 V, Topr = 25°C
150
4000
μs
-
Lock bit program time
VCC1 = 3.3 V, Topr = 25°C
70
3000
μs
-
Block erase time
VCC1 = 3.3 V, Topr = 25°C
0.2
3.0
s
td(SR-SUS)
Time delay from suspend request
until suspend
ms
-
Interval from erase start/restart
until following suspend request
0
μs
-
Suspend interval necessary for
auto-erasure to complete (7)
20
ms
-
Time from suspend until erase
restart
μs
-
Program, erase voltage
2.7
5.5
V
-
Read voltage
Topr= -20°C to 85°C/-40°C to 85°C
2.7
5.5
V
-
Program, erase temperature
0
60
°C
tPS
Flash memory circuit stabilization wait time
50
μs
-
Data hold time (6)
Ambient temperature = 55
°C
20
year
5
3
f BCLK
()
----------------
+
30
1
f BCLK
()
----------------
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com