công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F363AMNFA bảng dữ liệu(PDF) 103 Page - Renesas Technology Corp

tên linh kiện R5F363AMNFA
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AMNFA bảng dữ liệu(HTML) 103 Page - Renesas Technology Corp

Back Button R5F363AMNFA Datasheet HTML 99Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 100Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 101Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 102Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 103Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 104Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 105Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 106Page - Renesas Technology Corp R5F363AMNFA Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 119 page
background image
R01DS0033EJ0220 Rev.2.20
Page 103 of 115
Nov 01, 2012
M16C/63 Group
5. Electrical Characteristics
VCC1 = VCC2 = 3 V
Switching Characteristics
(VCC1 = VCC2 = 3 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
5.3.4.5
In Wait State Setting 2
φ + 3φ, 2φ + 4φ, 3φ + 4φ, and 4φ + 5φ, and Inserting 1
to 3 Recovery Cycles and Accessing External Area
Notes:
1.
Calculated according to the BCLK frequency as follows:
2.
Calculated according to the BCLK frequency as follows:
3.
This standard value shows the timing when the output is off, and
does not show hold time of data bus.
Hold time of data bus varies with capacitor volume and pull-up
(pull-down) resistance value.
Hold time of data bus is expressed in
t =
−CR × ln(1 − V
OL/VCC2)
by a circuit of the right figure.
For example, when VOL = 0.2VCC2, C = 30 pF, R = 1 kΩ, hold time
of output low level is
t =
−30 pF × 1 kΩ × In(1 − 0.2V
CC2/VCC2)
= 6.7 ns.
4.
Calculated according to the BCLK frequency as follows:
Table 5.61
Memory Expansion Mode and Microprocessor Mode (in Wait State Setting 2
φ + 3φ, 2φ +
4
φ, 3φ + 4φ, and 4φ + 5φ, and Inserting 1 to 3 Recovery Cycles and Accessing External
Area)
Symbol
Parameter
Measuring
Condition
Standard
Unit
Min.
Max.
td(BCLK-AD)
Address output delay time
See
Figure 5.30
30
ns
th(BCLK-AD)
Address output hold time (in relation to BCLK)
0ns
th(RD-AD)
Address output hold time (in relation to RD)
(Note 4)
ns
th(WR-AD)
Address output hold time (in relation to WR)
(Note 2)
ns
td(BCLK-CS)
Chip select output delay time
30
ns
th(BCLK-CS)
Chip select output hold time (in relation to BCLK)
0ns
td(BCLK-ALE)
ALE signal output delay time
25
ns
th(BCLK-ALE)
ALE signal output hold time
-4
ns
td(BCLK-RD)
RD signal output delay time
30
ns
th(BCLK-RD)
RD signal output hold time
0ns
td(BCLK-WR)
WR signal output delay time
30
ns
th(BCLK-WR)
WR signal output hold time
0ns
td(BCLK-DB)
Data output delay time (in relation to BCLK)
40
ns
th(BCLK-DB)
Data output hold time (in relation to BCLK) (3)
0ns
td(DB-WR)
Data output delay time (in relation to WR)
(Note 1)
ns
th(WR-DB)
Data output hold time (in relation to WR) (3)
(Note 2)
ns
n 10
9
×
f BCLK
()
------------------40 ns
[]
–
n is 3 for 2
φ + 3φ, 4 for 2φ + 4φ, 4 for 3φ + 4φ, and 5 for 4φ + 5φ.
m 10
9
×
f BCLK
()
-------------------10 ns
[]
–
m is 1 when 1 recovery cycle is inserted, 2 when 2 recovery cycles are inserted, and
3 when 3 recovery cycles are inserted.
DBi
R
C
m 10
9
×
f BCLK
()
-------------------0 ns
[]
+
m is 1 when 1 recovery cycle is inserted, 2 when 2 recovery cycles are inserted, and
3 when 3 recovery cycles are inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com