| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM1811A bảng dữ liệu(PDF) 31 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM1811A bảng dữ liệu(HTML) 31 Page - Wolfson Microelectronics plc |
|
31 / 328 page ![]() Production Data WM1811A w PD, November 2013, Rev 4.1 31 SIGNAL TIMING REQUIREMENTS SYSTEM CLOCKS & FREQUENCY LOCKED LOOP (FLL) Figure 1 Master Clock Timing Test Conditions The following timing information is valid across the full range of recommended operating conditions. PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT Master Clock Timing (MCLK1 and MCLK2) MCLK cycle time TMCLKY MCLK as input to FLL, FLLn_REFCLK_DIV = 10, 11 25 ns MCLK as input to FLL, FLLn_REFCLK_DIV = 01 37 MCLK as input to FLL, FLLn_REFCLK_DIV = 00 74 FLL not used, AIFnCLK_DIV = 1 40 FLL not used, AIFnCLK_DIV = 0 80 MCLK duty cycle (= TMCLKH : TMCLKL) 60:40 40:60 Frequency Locked Loops (FLL1 and FLL2) FLL Input Frequency FLLn_REFCLK_DIV = 00 0.032 13.5 MHz FLLn_REFCLK_DIV = 01 0.064 27 FLLn_REFCLK_DIV = 10 0.128 40 FLLn_REFCLK_DIV = 11 0.256 40 Internal Clocking AIF1CLK frequency 12.5 MHz AIF2CLK frequency 12.5 MHz SYSCLK frequency 12.5 MHz |