công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM1811A bảng dữ liệu(PDF) 56 Page - Wolfson Microelectronics plc

tên linh kiện WM1811A
Giải thích chi tiết về linh kiện  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A bảng dữ liệu(HTML) 56 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 52Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 53Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 54Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 55Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 56Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 57Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 58Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 59Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 60Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
56
ADC CLOCKING CONTROL
Clocking for the ADCs is derived from SYSCLK.The required clock is enabled when the
SYSDSPCLK_ENA register is set.
The ADC clock rate is configured automatically, according to the AIFn_SR, AIFnCLK_RATE and
ADC_OSR128 registers. (See “Clocking and Sample Rates” for further details of the system clocks
and control registers.)
When AIF1CLK is selected as the SYSCLK source (SYSCLK_SRC = 0), then the ADC clocking is
controlled by the AIF1_SR and AIF1CLK_RATE registers.
When AIF2CLK is selected as the SYSCLK source (SYSCLK_SRC = 1), then the ADC clocking is
controlled by the AIF2_SR and AIF2CLK_RATE registers.
The supported ADC clocking configurations are described in Table 14(for ADC_OSR128=1) and
Table 15(for ADC_OSR128=0). The ADC_OSR128 bit is set by default, giving best audio
performance.
SAMPLE
RATE (kHz)
SYSCLK RATE (AIFnCLK / fs ratio)
128
192
256
384
512
768
1024
1536
8
11.025
12
16
22.05
24
32
44.1
48
88.2
96
When ADC_OSR128=1, ADC operation is only supported for the configurations indicated above
Table 14 ADC Clocking - ADC_OSR128 = 1 (Default)
SAMPLE
RATE (kHz)
SYSCLK RATE (AIFnCLK / fs ratio)
128
192
256
384
512
768
1024
1536
8
11.025
12
16
22.05
24
32
44.1
48
88.2
96
When ADC_OSR128=0, ADC operation is only supported for the configurationsindicated above
Table 15 ADC Clocking - ADC_OSR128 = 0
The clocking requirements in Table 14 and Table 15 are only applicable to the AIFnCLK that is
selected as the SYSCLK source. Note that both clocks (AIF1CLK and AIF2CLK) must satisfy the
requirements noted in the “Clocking and Sample Rates” section.
The applicable clocks (SYSCLK, and AIF1CLK or AIF2CLK) must be present and enabled when using
the Analogue to Digital Converters (ADCs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com