| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM1811A bảng dữ liệu(PDF) 36 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM1811A bảng dữ liệu(HTML) 36 Page - Wolfson Microelectronics plc |
|
36 / 328 page ![]() WM1811A Production Data w PD, November 2013, Rev 4.1 36 CONTROL INTERFACE TIMING Figure 6 Control Interface Timing Test Conditions The following timing information is valid across the full range of recommended operating conditions. PARAMETER SYMBOL MIN TYP MAX UNIT SCLK Frequency 400 kHz SCLK Low Pulse-Width t1 1300 ns SCLK High Pulse-Width t2 600 ns Hold Time (Start Condition) t3 600 ns Setup Time (Start Condition) t4 600 ns Data Setup Time t5 100 ns SDA, SCLK Rise Time t6 300 ns SDA, SCLK Fall Time t7 300 ns Setup Time (Stop Condition) t8 600 ns Data Hold Time t9 900 ns Pulse width of spikes that will be suppressed tps 0 5 ns |