công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM1811A bảng dữ liệu(PDF) 84 Page - Wolfson Microelectronics plc

tên linh kiện WM1811A
Giải thích chi tiết về linh kiện  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A bảng dữ liệu(HTML) 84 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 80Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 81Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 82Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 83Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 84Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 85Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 86Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 87Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 88Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
84
3D STEREO EXPANSION
The 3D Stereo Expansion is an audio enhancement feature which can be enabled in the digital
playback path of the WM1811A audio interfaces. This feature uses configurable cross-talk
mechanisms to adjust the depth or width of the stereo audio.
The WM1811A provides two 3D Stereo Expansion circuits; these are associated with AIF1 and AIF2
respectively. The 3D Stereo Expansion is enabled and controlled in these signal paths using the
register bits described in Table 34.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1057 (0421h)
AIF1 DAC1
Filters (2)
13:9
AIF1DAC1_3D_G
AIN
00000
AIF1DAC playback path 3D Stereo
depth
00000 = Off
00001 = Minimum (-16dB)
…(0.915dB steps)
11111 = Maximum (+11.45dB)
8
AIF1DAC1_3D_E
NA
0
Enable 3D Stereo in AIF1DAC
playback path
0 = Disabled
1 = Enabled
R1313 (0521h)
AIF2 DAC
Filters (2)
13:9
AIF2DAC_3D_GA
IN
00000
AIF2DAC playback path 3D Stereo
depth
00000 = Off
00001 = Minimum (-16dB)
…(0.915dB steps)
11111 = Maximum (+11.45dB)
8
AIF2DAC_3D_EN
A
0
Enable 3D Stereo in AIF2DAC
playback path
0 = Disabled
1 = Enabled
Table 34 3D Stereo Expansion Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com