công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM1811A bảng dữ liệu(PDF) 138 Page - Wolfson Microelectronics plc

tên linh kiện WM1811A
Giải thích chi tiết về linh kiện  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A bảng dữ liệu(HTML) 138 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 134Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 135Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 136Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 137Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 138Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 139Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 140Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 141Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 142Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
138
The measurement accuracy of the microphone detect function is assured whenever the connected
load is within the applicable limits specified in the “Electrical Characteristics”. Note that a 2.2k
 (2%)
resistor must also be connected between MICDET and MICBIAS2.
Note that the connection of a microphone will change the measured impedance on the MICDET pin;
see “Applications Information” for recommended components for typical applications.
The measurement time varies between 100
s and 500s according to the impedance of the external
load. A high impedance will be measured faster than a low impedance.
The timing of the microphone detect function is illustrated in Figure 42. Two different cases are
shown, according to whether MICBIAS2 is enabled periodically by the impedance measurement
function (MICB2_ENA=0), or is enabled at all times (MICB2_ENA=1).
Figure 42 Microphone Detect Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More