công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F110MF bảng dữ liệu(PDF) 129 Page - Renesas Technology Corp

tên linh kiện R5F110MF
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF bảng dữ liệu(HTML) 129 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 125Page - Renesas Technology Corp R5F110MF Datasheet HTML 126Page - Renesas Technology Corp R5F110MF Datasheet HTML 127Page - Renesas Technology Corp R5F110MF Datasheet HTML 128Page - Renesas Technology Corp R5F110MF Datasheet HTML 129Page - Renesas Technology Corp R5F110MF Datasheet HTML 130Page - Renesas Technology Corp R5F110MF Datasheet HTML 131Page - Renesas Technology Corp R5F110MF Datasheet HTML 132Page - Renesas Technology Corp R5F110MF Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 153 page
background image
RL78/L1C
3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105 °C)
R01DS0192EJ0200 Rev. 2.00
Page 129 of 149
Feb 21, 2014
3.5.2
Serial interface IICA
Note 1.
The first clock pulse is generated after this period when the start/restart condition is detected.
Note 2.
The maximum value (MAX.) of tHD:DAT is during normal transfer and a wait state is inserted in the ACK (acknowledge)
timing.
Remark
The maximum value of Cb (communication line capacitance) and the value of Rb (communication line pull-up resistor) at
that time in each mode are as follows.
Standard mode:
Cb = 400 pF, Rb = 2.7 k
Fast mode:
Cb = 320 pF, Rb = 1.1 k
IICA serial transfer timing
(TA = -40 to +105 °C, 2.4 V VDD 3.6 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main) Mode
Unit
Standard mode
Fast mode
MIN.
MAX.
MIN.
MAX.
SCLA0 clock frequency
fSCL
Fast mode: fCLK
 3.5 MHz
—
—
0
400
kHz
Standard mode: fCLK
 1 MHz
0
100
—
—
kHz
Setup time of restart condition
tSU: STA
4.7
0.6
s
Hold time Note 1
tHD: STA
4.0
0.6
s
Hold time when SCLA0 = “L”
tLOW
4.7
1.3
s
Hold time when SCLA0 = “H”
tHIGH
4.0
0.6
s
Data setup time (reception)
tSU: DAT
250
100
ns
Data hold time (transmission) Note 2
tHD: DAT
03.45
0
0.9
s
Setup time of stop condition
tSU: STO
4.0
0.6
s
Bus-free time
tBUF
4.7
1.3
s
tSU: DAT
tHD: STA
Restart
condition
SCLn
SDAn
tLOW
tHIGH
tSU: STA
tHD: STA
tSU: STO
Stop
condition
Stop
condition
Start
condition
tHD: DAT
tBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com