công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F110MF bảng dữ liệu(PDF) 117 Page - Renesas Technology Corp

tên linh kiện R5F110MF
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF bảng dữ liệu(HTML) 117 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 113Page - Renesas Technology Corp R5F110MF Datasheet HTML 114Page - Renesas Technology Corp R5F110MF Datasheet HTML 115Page - Renesas Technology Corp R5F110MF Datasheet HTML 116Page - Renesas Technology Corp R5F110MF Datasheet HTML 117Page - Renesas Technology Corp R5F110MF Datasheet HTML 118Page - Renesas Technology Corp R5F110MF Datasheet HTML 119Page - Renesas Technology Corp R5F110MF Datasheet HTML 120Page - Renesas Technology Corp R5F110MF Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 153 page
background image
RL78/L1C
3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105 °C)
R01DS0192EJ0200 Rev. 2.00
Page 117 of 149
Feb 21, 2014
Note 1.
The smaller maximum transfer rate derived by using fMCK/6 or the following expression is the valid maximum transfer rate.
Expression for calculating the transfer rate when 2.7 V
 VDD < 3.6 V and 2.3 V  Vb  2.7 V
Note 2.
This value as an example is calculated when the conditions described in the “Conditions” column are met.
Refer to Note 1 above to calculate the maximum transfer rate under conditions of the customer.
Note 3.
Use it with VDD
 Vb.
Note 4.
The smaller maximum transfer rate derived by using fMCK/6 or the following expression is the valid maximum transfer rate.
Expression for calculating the transfer rate when 2.4 V
 VDD < 3.3 V and 1.6 V  Vb  2.0 V
Note 5.
This value as an example is calculated when the conditions described in the “Conditions” column are met.
Refer to Note 4 above to calculate the maximum transfer rate under conditions of the customer.
Caution
Select the TTL input buffer for the RxDq pin and the N-ch open drain output (VDD tolerance) mode for the TxDq
pin by using port input mode register g (PIMg) and port output mode register g (POMg). For VIH and VIL, see the
DC characteristics with TTL input buffer selected.
(5)
Communication at different potential (1.8 V, 2.5V) (UART mode)
(TA = -40 to +105 °C, 2.4 VDD 3.6 V, VSS = 0 V)
(2/2)
Parameter
Symbol
Conditions
HS (high-speed main) Mode
Unit
MIN.
MAX.
Transfer rate Note 2
Transmission
2.7 V
 VDD 3.6 V,
2.3 V
Vb 2.7 V
Note 1
bps
Theoretical value of the maximum transfer rate
Cb = 50 pF, Rb = 2.7 k
, Vb = 2.3 V
1.2 Note 2
Mbps
1.8 V
 VDD  3.3 V,
1.6 V
Vb 2.0 V
Notes 3, 4
bps
Theoretical value of the maximum transfer rate
Cb = 50 pF, Rb = 5.5 k
, Vb = 1.6 V
0.43 Note 5
Mbps
Maximum transfer rate =
1
[bps]
Baud rate error (theoretical value) =
1
Transfer rate
 2
-
{-Cb
 Rb  In (1 -
)}
 3
{-Cb
 Rb  In (1 -
)}
(
)
 Number of transferred bits
1
Transfer rate
 100 [%]
* This value is the theoretical value of the relative difference between the transmission and reception sides.
2.0
Vb
2.0
Vb
Maximum transfer rate =
1
[bps]
Baud rate error (theoretical value) =
1
Transfer rate
 2
-
{-Cb
 Rb  In (1 -
)}
 3
{-Cb
 Rb  In (1 -
)}
(
)
 Number of transferred bits
1
Transfer rate
 100 [%]
* This value is the theoretical value of the relative difference between the transmission and reception sides.
1.5
Vb
1.5
Vb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com