công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F110MF bảng dữ liệu(PDF) 116 Page - Renesas Technology Corp

tên linh kiện R5F110MF
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF bảng dữ liệu(HTML) 116 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 112Page - Renesas Technology Corp R5F110MF Datasheet HTML 113Page - Renesas Technology Corp R5F110MF Datasheet HTML 114Page - Renesas Technology Corp R5F110MF Datasheet HTML 115Page - Renesas Technology Corp R5F110MF Datasheet HTML 116Page - Renesas Technology Corp R5F110MF Datasheet HTML 117Page - Renesas Technology Corp R5F110MF Datasheet HTML 118Page - Renesas Technology Corp R5F110MF Datasheet HTML 119Page - Renesas Technology Corp R5F110MF Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 153 page
background image
RL78/L1C
3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105 °C)
R01DS0192EJ0200 Rev. 2.00
Page 116 of 149
Feb 21, 2014
Note 1.
Transfer rate in the SNOOZE mode is 4,800 bps only.
Note 2.
Use it with VDD
 Vb.
Note 3.
The following conditions are required for low voltage interface.
2.4 V
 VDD  2.7 V:
MAX. 2.6 Mbps
Note 4.
The maximum operating frequencies of the CPU/peripheral hardware clock (fCLK) are:
HS (high-speed main) mode:
24 MHz (2.7 V
 VDD  3.6 V)
16 MHz (2.4 V
 VDD  3.6 V)
Caution
Select the TTL input buffer for the RxDq pin and the N-ch open drain output (VDD tolerance) mode for the TxDq
pin by using port input mode register g (PIMg) and port output mode register g (POMg). For VIH and VIL, see the
DC characteristics with TTL input buffer selected.
Remark 1. Vb[V]: Communication line voltage
Remark 2.
q: UART number (q = 0 to 3), g: PIM and POM number (g = 0 to 3)
Remark 3.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00 to 03, 10 to 13)
(5)
Communication at different potential (1.8 V, 2.5 V) (UART mode)
(TA = -40 to +105 °C, 2.4 V VDD 3.6 V, VSS = 0 V)
(1/2)
Parameter
Symbol
Conditions
HS (high-speed main) Mode
Unit
MIN.
MAX.
Transfer rate Notes 1, 2
Reception
2.7 V
 VDD  3.6 V,
2.3 V
 Vb  2.7 V
fMCK/12 Note 1
bps
Theoretical value of the maximum transfer rate
fMCK = fCLK Note 4
2.0
Mbps
1.8 V
 VDD  3.3 V,
1.6 V
 Vb  2.0 V
fMCK/12 Notes 1, 2, 3
bps
Theoretical value of the maximum transfer rate
fMCK = fCLK Note 4
1.3
Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com