| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC5644AF0MLU2 bảng dữ liệu(PDF) 23 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5644AF0MLU2 bảng dữ liệu(HTML) 23 Page - Freescale Semiconductor, Inc |
|
23 / 138 page ![]() MPC5644A Microcontroller Data Sheet, Rev. 7 Freescale Semiconductor 23 Reaction Module (REACM) Works in conjunction with the eQADC and eTPU2 to increase system performance by removing the CPU from the current control loop. System Integration Unit (SIU) Controls MCU reset configuration, pad configuration, external interrupt, general purpose I/O (GPIO), internal peripheral multiplexing, and the system reset operation. Static random-access memory (SRAM) Provides storage for program code, constants, and variables. System timers Includes periodic interrupt timer with real-time interrupt; output compare timer and system watchdog timer. Temperature sensor Provides the temperature of the device as an analog value. Table 2. MPC5644A series block summary (continued) Block Function |