công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JS28F640P33BF70 bảng dữ liệu(PDF) 30 Page - Numonyx B.V

tên linh kiện JS28F640P33BF70
Giải thích chi tiết về linh kiện  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P33BF70 bảng dữ liệu(HTML) 30 Page - Numonyx B.V

Back Button JS28F640P33BF70 Datasheet HTML 26Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 27Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 28Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 29Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 30Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 31Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 32Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 33Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 34Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
30
Order Number: 208034-04
10.1.4
Block Lock Status
The Read Device Identifier command is used to determine a block’s lock status (see
Section 7.3, “Read Device Identifier” on page 21). Data bits DQ[1:0] display the
addressed block’s lock status; DQ0 is the addressed block’s lock bit, while DQ1 is the
addressed block’s lock-down bit.
Note:
LK: Lock Setup Command, 60h; LK/D0h: Unlock Command; LK/01h: Lock Command; LK/2Fh: Lock-Down Command.
10.1.5
Block Locking During Suspend
Block lock and unlock changes can be performed during an erase suspend. To change
block locking during an erase operation, first issue the Erase Suspend command.
Monitor the Status Register until SR.7 and SR.6 are set, indicating the device is
suspended and ready to accept another command.
Next, write the desired lock command sequence to a block, which changes the lock
state of that block. After completing block lock or unlock operations, resume the erase
operation using the Erase Resume command.
Note:
A Lock Block Setup command followed by any command other than Lock Block, Unlock
Block, or Lock-Down Block produces a command sequence error and set Status
Register bits SR.4 and SR.5. If a command sequence error occurs during an erase
suspend, SR.4 and SR.5 remains set, even after the erase operation is resumed. Unless
the Status Register is cleared using the Clear Status Register command before
resuming the erase operation, possible erase errors may be masked by the command
sequence error.
Figure 7: Block Locking State Diagram
[000 ]
[001 ]
[011 ]
[111 ]
[101 ]
[110 ]
[100 ]
LK /
D0 h
LK /
01 h
LK /
2Fh
L K /2 F
h
LK /
D0 h
LK /
01 h o r 2F h
LK /
D0 h
LK /
01 h
LK /
2Fh
LK /
2Fh
PG M /ER A SE
A LLO W E D
PG M /ER A SE
PR EVEN T ED
WP # = V
IL = 0
WP # = V
IH = 1
Po w e r - Up /
R e s e t D e fa u lt
Po w e r - U p /
R e s e t D e fa u lt
Loc ke d -dow n
Lo c k e d- d o w n
is dis a b le d by
WP # = V
IH
V ir t u a l lo c k -
dow n
A n y L o ck
co m m an d s
W P # t ogg le
W
P #
to
g g
le
[0 10]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com