| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS28F640P33BF70 bảng dữ liệu(PDF) 76 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
JS28F640P33BF70 bảng dữ liệu(HTML) 76 Page - Numonyx B.V |
|
76 / 88 page ![]() P33-65nm Datasheet Jul 2011 76 Order Number: 208034-04 Figure 33: BEFP Flowchart SR Error Handler (User-Defined) BEFP Setup Delay Yes (SR.7=0) A Issue BEFP Setup Cmd (Data = 0x80) Issue BEFP Confirm Cmd (Data = 00D0h) Read Status Register No (SR.7=1) Exit Start Yes (SR.0=0) No (SR.0=1) Write 0xFFFFh outside Block No (SR.0=1) Yes (SR.0=0) No Yes Yes (SR.7=1) No (SR.7=0) Finish No Yes BEFP Setup Done ? Full Status Register check for errors Read Status Register Buffer Ready ? Write Data Word to Buffer Buffer Full ? Read Status Register Program Done ? Program More Data ? Program/Verify Phase Setup Phase Exit Phase A B B BEFP Exited ? Read Status Register |