| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS28F640P33BF70 bảng dữ liệu(PDF) 72 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
JS28F640P33BF70 bảng dữ liệu(HTML) 72 Page - Numonyx B.V |
|
72 / 88 page ![]() P33-65nm Datasheet Jul 2011 72 Order Number: 208034-04 A.2 Flowcharts Figure 29: Word Program Flowchart Start Data Cycle - Address = location to program - Data = Data to program Yes D7 = '1' ? End No Suspend ? No Yes Errors ? Yes No Error-Handler User Defined Routine Read Status Register - Toggle CE# or OE# to update Status Register - See Status Register Flowchart Program Suspend See Suspend/ Resume Flowchart Command Cycle - Issue Program Command - Address = location to program - Data = 0x40 Check Ready Status - Read Status Register Command not required - Perform read operation - Read Ready Status on signal D7 |