công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JS28F640P33BF70 bảng dữ liệu(PDF) 75 Page - Numonyx B.V

tên linh kiện JS28F640P33BF70
Giải thích chi tiết về linh kiện  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P33BF70 bảng dữ liệu(HTML) 75 Page - Numonyx B.V

Back Button JS28F640P33BF70 Datasheet HTML 71Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 72Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 73Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 74Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 75Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 76Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 77Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 78Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 79Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
Datasheet
Jul 2011
75
Order Number:208034-04
P33-65nm SBC
Figure 32: Buffer Program Flowchart
Start
Get Next
Target Address
Issue Write to Buffer
Command E8h
Block Address
Read Status Register
Block Address
(note 7)
Is WSM Ready?
SR. 7=
1 = Yes
Device
Supports Buffer
Writes?
Set Timeout or
Loop Counter
Timeout
or Count
Expired ?
Write Confirm D0h
Block Address
Another Buffered
Programming?
Yes
No
No
Write Buffer Data
Start Address
X = 0
Yes
0 = No
No
Yes
Use Single Word
Programming
Abort Bufferred
Program?
No
X = N?
Write Buffer Data
Address within buffer range
X = X + 1
Write to another
Block Address
Buffered Program
Aborted
No
Yes
Yes
Write Word Count
Block Address
Notes:
1. Word count values on DQ0-DQ15 are loaded into the Count
register. Count ranges for this device are N
=0000h to 00FFh.
2. The device outputs theStatus Register when read.
3. Write Buffer contents will be programmed at the device start
address or destination flash address
.
4. Align the start address on a Write Buffer boundary for
maximum programming performance(i.e., A8-A1 of the start
address =0).
5. The device aborts the Buffered Program command if the
current address is outside the original block address
.
6. The Status register indicates an “improper command
Sequence” if the Buffered Program command is aborted
.
Follow this with a Clear Status Register command
.
7. The device defaults to output SR data after the Buffered
Programming Setup Command(E8h) is issued. CE# or OE#
must be be toggled to update Status Register
. Don’t issue the
Read SR command(70h), which would be interpreted by the
internal state machine as Buffer Word Count
.
8. Full status check can be done after all erase and write
sequences complete. Write FFh after the last operation to
reset the device to read array mode.
.
.
.
Bus
Operation
Standby
Read
Command
Write
Write to
Buffer
Read
(Note 7)
Standby
Comments
Check SR.7
1 = WSM Ready
0 = WSM Busy
Status register Data
CE# and OE# low updates SR
Addr= Block Address
Data= E8H
Addr= Block Address
SR. 7 = Valid
Addr= Block Address
Check SR.7
1 = Device WSM is Busy
0 = Device WSM is Ready
Write
Program
Confirm
Data= D0H
Addr= Block Address
Write
( Notes1, 2)
Data= N- 1 = Word Count
N = 0 corresponds to count
=1
Addr= Block Address
Write
( Notes3, 4)
Data= Write Buffer Data
Addr= Start Address
Write
( Notes5, 6)
Data= Write Buffer Data
Addr=Address within buffer range
Suspend
Program
Loop
Read Status Register
SR. 7=?
Full Status
Check if Desired
Program Complete
Suspend
Program
1
0
No
Yes
Clear Status Register
50h
Address within Device
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com