công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F6775IPZ bảng dữ liệu(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F6775IPZ
Giải thích chi tiết về linh kiện  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6775IPZ bảng dữ liệu(HTML) 90 Page - Texas Instruments

Back Button MSP430F6775IPZ Datasheet HTML 86Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 87Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 88Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 89Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 90Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 91Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 92Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 93Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
Comparator_B
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC
Supply voltage
1.8
3.6
V
1.8 V
40
CBPWRMD = 00, CBON = 1, CBRSx = 00
2.2 V
22
50
Comparator operating
3 V
32
65
supply current into
IAVCC_COMP
µA
2.2 V, 3
AVCC, Excludes
CBPWRMD = 01, CBON = 1, CBRSx = 00
10
30
V
reference resistor ladder
2.2 V, 3
CBPWRMD = 10, CBON = 1, CBRSx = 00
0.2
0.85
V
CBREFACC = 0, CBREFLx = 01, CBRSx = 10,
2.2 V, 3
Quiescent current of
10
22
µA
REFON = 0, CBON = 0
V
resistor ladder into
IAVCC_REF
AVCC, Includes REF
CBREFACC = 1, CBREFLx = 01, CBRSx = 10,
2.2 V, 3
33
40
µA
module current
REFON = 0, CBON = 0
V
Common mode input
VIC
0
VCC-1
V
range
CBPWRMD = 00
-20
+20
mV
VOFFSET
Input offset voltage
CBPWRMD = 01, 10
-20
+20
mV
CIN
Input capacitance
5
pF
ON - switch closed
3
4
k
Ω
RSIN
Series input resistance
OFF - switch opened
50
M
Ω
CBPWRMD = 00, CBF = 0
450
ns
Propagation delay,
tPD
CBPWRMD = 01, CBF = 0
600
ns
response time
CBPWRMD = 10, CBF = 0
50
µs
CBPWRMD = 00, CBON = 1, CBF = 1,
0.30
0.6
1.5
µs
CBFDLY = 00
CBPWRMD = 00, CBON = 1, CBF = 1,
0.5
1.0
1.8
µs
CBFDLY = 01
Propagation delay with
tPD,filter
filter active
CBPWRMD = 00, CBON = 1, CBF = 1,
0.8
1.8
3.4
µs
CBFDLY = 10
CBPWRMD = 00, CBON = 1, CBF = 1,
1.5
3.4
6.5
µs
CBFDLY = 11
CBON = 0 to CBON = 1, CBPWRMD = 00, 01
1
2
µs
tEN_CMP
Comparator enable time
CBON = 0 to CBON = 1, CBPWRMD = 10
50
µs
Resistor reference
tEN_REF
CBON = 0 to CBON = 1
1.0
1.5
µs
enable time
Temperature coefficient
ppm/
TCREF
50
reference
°C
VIN ×
VIN ×
VIN ×
Reference voltage for a
VIN = reference into resistor ladder,
VCB_REF
(n+1.5)
(n+1)
(n+0.5)
V
given tap
n = 0 to 31
/32
/32
/32
Flash Memory
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
DVCC(PGM/ERASE) Program and erase supply voltage
1.8
3.6
V
IPGM
Average supply current from DVCC during program
3
5
mA
IERASE
Average supply current from DVCC during erase
6
15
mA
Average supply current from DVCC during mass erase or bank
IMERASE, IBANK
6
15
mA
erase
90
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com