công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F6775IPZ bảng dữ liệu(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F6775IPZ
Giải thích chi tiết về linh kiện  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6775IPZ bảng dữ liệu(HTML) 35 Page - Texas Instruments

Back Button MSP430F6775IPZ Datasheet HTML 31Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 32Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 33Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 34Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 35Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 36Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 37Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 38Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
Table 18. System Module Interrupt Vector Registers (continued)
INTERRUPT VECTOR REGISTER
ADDRESS
INTERRUPT EVENT
VALUE
PRIORITY
VMAIFG
0Ah
JMBINIFG
0Ch
JMBOUTIFG
0Eh
VLRLIFG
10h
VLRHIFG
12h
Reserved
14h to 1Eh
Lowest
SYSUNIV, User NMI
019Ah
No interrupt pending
00h
NMIFG
02h
Highest
OFIFG
04h
ACCVIFG
06h
AUXSWGIFG
08h
Reserved
0Ah to 1Eh
Lowest
Watchdog Timer (WDT_A) (Link to User's Guide)
The primary function of the watchdog timer is to perform a controlled system restart after a software problem
occurs. If the selected time interval expires, a system reset is generated. If the watchdog function is not needed
in an application, the timer can be configured as an interval timer and can generate interrupts at selected time
intervals.
DMA Controller (Link to User's Guide)
The DMA controller allows movement of data from one memory address to another without CPU intervention. For
example, the DMA controller can be used to move data from the ADC10_A conversion memory to RAM. Using
the DMA controller can increase the throughput of peripheral modules. The DMA controller reduces system
power consumption by allowing the CPU to remain in sleep mode, without having to awaken to move data to or
from a peripheral.
Table 19. DMA Trigger Assignments(1)
CHANNEL
TRIGGER
0
1
2
0
DMAREQ
DMAREQ
DMAREQ
1
TA0CCR0 CCIFG
TA0CCR0 CCIFG
TA0CCR0 CCIFG
2
TA0CCR2 CCIFG
TA0CCR2 CCIFG
TA0CCR2 CCIFG
3
TA1CCR0 CCIFG
TA1CCR0 CCIFG
TA1CCR0 CCIFG
4
Reserved
Reserved
Reserved
5
TA2CCR0 CCIFG
TA2CCR0 CCIFG
TA2CCR0 CCIFG
6
Reserved
Reserved
Reserved
7
TA3CCR0 CCIFG
TA3CCR0 CCIFG
TA3CCR0 CCIFG
8
Reserved
Reserved
Reserved
9
Reserved
Reserved
Reserved
10
Reserved
Reserved
Reserved
11
Reserved
Reserved
Reserved
12
Reserved
Reserved
Reserved
13
SD24IFG
SD24IFG
SD24IFG
14
Reserved
Reserved
Reserved
15
Reserved
Reserved
Reserved
16
UCA0RXIFG
UCA0RXIFG
UCA0RXIFG
17
UCA0TXIFG
UCA0TXIFG
UCA0TXIFG
(1)
Reserved DMA triggers may be used by other devices in the family. Reserved DMA triggers do not
cause any DMA trigger event when selected.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com