công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F6775IPZ bảng dữ liệu(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F6775IPZ
Giải thích chi tiết về linh kiện  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6775IPZ bảng dữ liệu(HTML) 65 Page - Texas Instruments

Back Button MSP430F6775IPZ Datasheet HTML 61Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 62Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 63Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 64Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 65Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 66Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 67Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 68Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
Crystal Oscillator, XT1, Low-Frequency Mode
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fOSC = 32768 Hz, XTS = 0, XT1BYPASS = 0,
0.075
XT1DRIVEx = 1, TA = 25°C
Differential XT1 oscillator
crystal current consumption
fOSC = 32768 Hz, XTS = 0, XT1BYPASS = 0,
ΔIDVCC.LF
3 V
0.170
µA
from lowest drive setting, LF
XT1DRIVEx = 2, TA = 25°C
mode
fOSC = 32768 Hz, XTS = 0, XT1BYPASS = 0,
0.290
XT1DRIVEx = 3, TA = 25°C
XT1 oscillator crystal
fXT1,LF0
XTS = 0, XT1BYPASS = 0
32768
Hz
frequency, LF mode
XT1 oscillator logic-level
fXT1,LF,SW
square-wave input frequency, XTS = 0, XT1BYPASS = 1(2) (3)
10
32.768
50
kHz
LF mode
XTS = 0, XT1BYPASS = 0, XT1DRIVEx = 0,
210
fXT1,LF = 32768 Hz, CL,eff = 6 pF
Oscillation allowance for
OALF
k
Ω
LF crystals(4)
XTS = 0, XT1BYPASS = 0, XT1DRIVEx = 1,
300
fXT1,LF = 32768 Hz, CL,eff = 12 pF
XTS = 0, XCAPx = 0(6)
2
XTS = 0, XCAPx = 1
5.5
Integrated effective load
CL,eff
pF
capacitance, LF mode(5)
XTS = 0, XCAPx = 2
8.5
XTS = 0, XCAPx = 3
12.0
XTS = 0, Measured at ACLK,
Duty cycle, LF mode
30
70
%
fXT1,LF = 32768 Hz
Oscillator fault frequency,
fFault,LF
XTS = 0(8)
10
10000
Hz
LF mode(7)
fOSC = 32768 Hz, XTS = 0, XT1BYPASS = 0,
1000
XT1DRIVEx = 0, TA = 25°C, CL,eff = 6 pF
tSTART,LF
Startup time, LF mode
3 V
ms
fOSC = 32768 Hz, XTS = 0, XT1BYPASS = 0,
500
XT1DRIVEx = 3, TA = 25°C, CL,eff = 12 pF
(1)
To improve EMI on the XT1 oscillator, the following guidelines should be observed.
(a) Keep the trace between the device and the crystal as short as possible.
(b) Design a good ground plane around the oscillator pins.
(c) Prevent crosstalk from other clock or data lines into oscillator pins XIN and XOUT.
(d) Avoid running PCB traces underneath or adjacent to the XIN and XOUT pins.
(e) Use assembly materials and praxis to avoid any parasitic load on the oscillator XIN and XOUT pins.
(f) If conformal coating is used, ensure that it does not induce capacitive or resistive leakage between the oscillator pins.
(2)
When XT1BYPASS is set, XT1 circuits are automatically powered down. Input signal is a digital square wave with parametrics defined in
the Schmitt-trigger Inputs section of this data sheet.
(3)
Maximum frequency of operation of the entire device cannot be exceeded.
(4)
Oscillation allowance is based on a safety factor of 5 for recommended crystals. The oscillation allowance is a function of the
XT1DRIVEx settings and the effective load. In general, comparable oscillator allowance can be achieved based on the following
guidelines, but should be evaluated based on the actual crystal selected for the application:
(a) For XT1DRIVEx = 0, CL,eff ≤ 6 pF.
(b) For XT1DRIVEx = 1, 6 pF
≤ CL,eff ≤ 9 pF.
(c) For XT1DRIVEx = 2, 6 pF
≤ CL,eff ≤ 10 pF.
(d) For XT1DRIVEx = 3, CL,eff ≥ 6 pF.
(5)
Includes parasitic bond and package capacitance (approximately 2 pF per pin).
Since the PCB adds additional capacitance, it is recommended to verify the correct load by measuring the ACLK frequency. For a
correct setup, the effective load capacitance should always match the specification of the used crystal.
(6)
Requires external capacitors at both terminals. Values are specified by crystal manufacturers.
(7)
Frequencies below the MIN specification set the fault flag. Frequencies above the MAX specification do not set the fault flag.
Frequencies in between might set the flag.
(8)
Measured with logic-level input frequency but also applies to operation with crystals.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com