công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F6775IPZ bảng dữ liệu(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F6775IPZ
Giải thích chi tiết về linh kiện  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6775IPZ bảng dữ liệu(HTML) 89 Page - Texas Instruments

Back Button MSP430F6775IPZ Datasheet HTML 85Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 86Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 87Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 88Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 89Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 90Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 91Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 92Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
REF Built-In Reference
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
REFVSEL = {2} for 2.5 V, REFON = 1
3 V
2.47
2.51
2.55
Positive built-in reference
VREF+
REFVSEL = {1} for 2 V, REFON = 1
3 V
1.96
1.99
2.02
V
voltage
REFVSEL = {0} for 1.5 V, REFON = 1
2.2 V, 3 V
1.48
1.5
1.52
REFVSEL = {0} for 1.5 V
2.2
AVCC minimum voltage,
AVCC(min)
Positive built-in reference
REFVSEL = {1} for 2 V
2.2
V
active
REFVSEL = {2} for 2.5 V
2.7
fADC10CLK = 5.0 MHz,
REFON = 1, REFBURST = 0,
3 V
18
24
µA
REFVSEL = {2} for 2.5 V
fADC10CLK = 5.0 MHz,
Operating supply current
IREF+
REFON = 1, REFBURST = 0,
3 V
16.1
21
µA
into AVCC terminal(1)
REFVSEL = {1} for 2 V
fADC10CLK = 5.0 MHz,
REFON = 1, REFBURST = 0,
3 V
14.4
21
µA
REFVSEL = {0} for 1.5 V
Temperature coefficient of
IVREF+ = 0 A,
ppm/
TCREF+
< 18
50
built-in reference(2)
REFVSEL = (0, 1, 2}, REFON = 1
°C
2.2 V
17
22
Operating supply current
REFON = 0, INCH = 0Ah,
ISENSOR
µA
into AVCC terminal(3)
ADC10ON = N/A, TA = 30°C
3 V
17
22
2.2 V
770
ADC10ON = 1, INCH = 0Ah,
VSENSOR
See (4)
mV
TA = 30°C
3 V
770
2.2 V
1.06
1.1
1.14
ADC10ON = 1, INCH = 0Bh,
VMID
AVCC divider at channel 11
V
VMID is approximately 0.5 × VAVCC
3 V
1.46
1.5
1.54
Sample time required if
ADC10ON = 1, INCH = 0Ah,
tSENSOR(sample)
30
µs
channel 10 is selected(5)
Error of conversion result
≤ 1 LSB
Sample time required if
ADC10ON = 1, INCH = 0Bh,
tVMID(sample)
1
µs
channel 11 is selected(6)
Error of conversion result
≤ 1 LSB
AVCC = AVCC (min) - AVCC(max),
Power supply rejection ratio
PSRR_DC
TA = 25°C,
120
µV/V
(dc)
REFVSEL = (0, 1, 2}, REFON = 1
AVCC = AVCC (min) - AVCC(max),
Power supply rejection ratio
PSRR_AC
TA = 25°C, f = 1 kHz, ΔVpp = 100 mV,
6.4
mV/V
(ac)
REFVSEL = (0, 1, 2}, REFON = 1
Settling time of reference
AVCC = AVCC (min) - AVCC(max),
tSETTLE
75
µs
voltage(7)
REFVSEL = (0, 1, 2}, REFON = 0
→ 1
SD24_B internal reference
VSD24REF
SD24REFS = 1
3 V
1.151 1.1623
1.174
V
voltage
SD24_B internal reference
tON
SD24REFS = 0->1, CREF = 100 nF
3 V
200
µs
turn-on time
(1)
The internal reference current is supplied via terminal AVCC. Consumption is independent of the ADC10ON control bit, unless a
conversion is active. The REFON bit enables to settle the built-in reference before starting an A/D conversion.
(2)
Calculated using the box method: (MAX(-40 to 85°C) – MIN(-40 to 85°C)) / MIN(-40 to 85°C)/(85°C – (–40°C)).
(3)
The sensor current ISENSOR is consumed if (ADC10ON = 1 and REFON = 1) or (ADC10ON = 1 and INCH = 0Ah and sample signal is
high). When REFON = 1, ISENSOR is already included in IREF+.
(4)
The temperature sensor offset can be as much as ±20°C. A single-point calibration is recommended in order to minimize the offset error
of the built-in temperature sensor.
(5)
The typical equivalent impedance of the sensor is 51 k
Ω. The sample time required includes the sensor-on time tSENSOR(on).
(6)
The on-time tVMID(on) is included in the sampling time tVMID(sample); no additional on time is needed.
(7)
The condition is that the error in a conversion started after tREFON is less than ±0.5 LSB.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com