công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F6775IPZ bảng dữ liệu(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F6775IPZ
Giải thích chi tiết về linh kiện  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6775IPZ bảng dữ liệu(HTML) 67 Page - Texas Instruments

Back Button MSP430F6775IPZ Datasheet HTML 63Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 64Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 65Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 66Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 67Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 68Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 69Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 70Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 157 page
background image
0
1
2
3
4
5
6
7
Typical DCO Frequency, V
= 3.0 V, T = 25°C
CC
A
DCORSEL
100
10
1
0.1
DCOx = 31
DCOx = 0
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
DCO Frequency (continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
dfDCO/dVCORE
DCO frequency voltage drift
fDCO = 1 MHz
1.9
%/V
Figure 11. Typical DCO Frequency
PMM, Brown-Out Reset (BOR)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BORH on voltage,
V(DVCC_BOR_IT–)
| dDVCC/dt | < 3 V/s
1.45
V
DVCC falling level
BORH off voltage,
V(DVCC_BOR_IT+)
| dDVCC/dt | < 3 V/s
0.80
1.20
1.50
V
DVCC rising level
V(DVCC_BOR_hys)
BORH hysteresis
50
250
mV
Pulse duration required at RST/NMI pin to
tRESET
2
µs
accept a reset
PMM, Core Voltage
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Core voltage, active mode,
VCORE3(AM)
2.4 V
≤ DVCC ≤ 3.6 V
1.91
V
PMMCOREV = 3
Core voltage, active mode,
VCORE2(AM)
2.2 V
≤ DVCC ≤ 3.6 V
1.81
V
PMMCOREV = 2
Core voltage, active mode,
VCORE1(AM)
2 V
≤ DVCC ≤ 3.6 V
1.61
V
PMMCOREV = 1
Core voltage, active mode,
VCORE0(AM)
1.8 V
≤ DVCC ≤ 3.6 V
1.41
V
PMMCOREV = 0
Core voltage, low-current
VCORE3(LPM)
2.4 V
≤ DVCC ≤ 3.6 V
1.94
V
mode, PMMCOREV = 3
Core voltage, low-current
VCORE2(LPM)
2.2 V
≤ DVCC ≤ 3.6 V
1.92
V
mode, PMMCOREV = 2
Core voltage, low-current
VCORE1(LPM)
2 V
≤ DVCC ≤ 3.6 V
1.73
V
mode, PMMCOREV = 1
Core voltage, low-current
VCORE0(LPM)
1.8 V
≤ DVCC ≤ 3.6 V
1.52
V
mode, PMMCOREV = 0
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com