công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F6775IPZ bảng dữ liệu(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F6775IPZ
Giải thích chi tiết về linh kiện  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6775IPZ bảng dữ liệu(HTML) 78 Page - Texas Instruments

Back Button MSP430F6775IPZ Datasheet HTML 74Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 75Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 76Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 77Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 78Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 79Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 80Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 81Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
Inputs – RTC Tamper Detect Pin
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AUXVCC3
MIN
MAX
UNIT
Port P1, P2: P1.x to P2.x, External trigger pulse duration
t(int)
External interrupt timing(2)
2.2 V, 3 V
20
ns
to set interrupt flag
(1)
Some devices may contain additional ports with interrupts. See the block diagram and terminal function descriptions.
(2)
An external signal sets the interrupt flag every time the minimum interrupt pulse duration t(int) is met. It may be set by trigger signals
shorter than t(int).
Leakage Current – RTC Tamper Detect Pin
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AUXVCC3
MIN
MAX
UNIT
(1) (2)1.8 V,
Ilkg(Px.y)
High-impedance leakage current
-50
+50
nA
3 V
(1)
The leakage current is measured with VSS or VCC applied to the corresponding pins, unless otherwise noted.
(2)
The leakage of the digital port pins is measured individually. The port pin is selected for input and the pullup or pulldown resistor is
disabled.
Outputs – RTC Tamper Detect Pin
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AUXVCC3
MIN
MAX
UNIT
I(OHmax) = –100 µA
(1)
1.50
1.80
1.8 V
I(OHmax) = –200µA
(1)
1.20
1.80
VOH
High-level output voltage
V
I(OHmax) = –100µA
(1)
2.70
3.00
3 V
I(OHmax) = –200µA
(1)
2.40
3.00
I(OLmax) = 100µA
(1)
0.00
0.25
1.8 V
I(OLmax) = 200µA
(1)
0.00
0.60
VOL
Low-level output voltage
V
I(OLmax) = 100µA
(1)
0.00
0.25
3 V
I(OLmax) = 200µA
(1)
0.00
0.60
(1)
The maximum total current, I(OHmax), for all outputs combined should not exceed ±20 mA to hold the maximum voltage drop specified.
See Recommended Operating Conditions for more details.
78
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com