công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F6775IPZ bảng dữ liệu(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F6775IPZ
Giải thích chi tiết về linh kiện  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6775IPZ bảng dữ liệu(HTML) 88 Page - Texas Instruments

Back Button MSP430F6775IPZ Datasheet HTML 84Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 85Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 86Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 87Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 88Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 89Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 90Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 91Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
10-Bit ADC Linearity Parameters
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
1.4 V
≤ (VeREF+ – VREF–/VeREF–)min ≤ 1.6 V
-1.0
+1.0
Integral
EI
2.2 V, 3 V
LSB
linearity error
1.6 V < (VeREF+ – VREF–/VeREF–)min ≤ VAVCC
-1.0
+1.0
Differential
(VeREF+ – VREF–/VeREF–)min ≤ (VeREF+ – VREF–/VeREF–),
ED
2.2 V, 3 V
-1.0
+1.0
LSB
linearity error
CVREF+ = 20 pF
(VeREF+ – VREF–/VeREF–)min ≤ (VeREF+ – VREF–/VeREF–),
EO
Offset error
2.2 V, 3 V
-1.0
+1.0
LSB
Internal impedance of source RS < 100 Ω, CVREF+ = 20 pF
(VeREF+ – VREF–/VeREF–)min ≤ (VeREF+ – VREF–/VeREF–),
EG
Gain error
2.2 V, 3 V
-1.0
+1.0
LSB
CVREF+ = 20 pF
Total unadjusted
(VeREF+ – VREF–/VeREF–)min ≤ (VeREF+ – VREF–/VeREF–),
ET
2.2 V, 3 V
-2.0
+2.0
LSB
error
CVREF+ = 20 pF
10-Bit ADC External Reference
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Positive external reference
VeREF+
VeREF+ > VREF–/VeREF–
(2)
1.4
AVCC
V
voltage input
Negative external
VeREF–
VeREF+ > VREF–/VeREF–
(3)
0
1.2
V
reference voltage input
(VeREF+ –
Differential external
VeREF+ > VREF–/VeREF–
(4)
1.4
AVCC
V
VeREF–)
reference voltage input
1.4 V
≤ VeREF+ ≤ VAVCC , VeREF– = 0 V,
fADC10CLK = 5 MHz, ADC10SHTx = 0x0001,
2.2 V, 3 V
-26
+26
µA
Conversion rate 200 ksps
IVeREF+
Static input current
IVeREF–
1.4 V
≤ VeREF+ ≤ VAVCC , VeREF– = 0 V,
fADC10CLK = 5 MHZ, ADC10SHTX = 0x1000,
2.2 V, 3 V
-1
+1
µA
Conversion rate 20 ksps
Capacitance at VREF+
CVREF+
(5)10
µF
terminal
(1)
The external reference is used during ADC conversion to charge and discharge the capacitance array. The input capacitance, CI, is also
the dynamic load for an external reference during conversion. The dynamic impedance of the reference supply should follow the
recommendations on analog-source impedance to allow the charge to settle for 10-bit accuracy.
(2)
The accuracy limits the minimum positive external reference voltage. Lower reference voltage levels may be applied with reduced
accuracy requirements.
(3)
The accuracy limits the maximum negative external reference voltage. Higher reference voltage levels may be applied with reduced
accuracy requirements.
(4)
The accuracy limits minimum external differential reference voltage. Lower differential reference voltage levels may be applied with
reduced accuracy requirements.
(5)
Two decoupling capacitors, 10 µF and 100 nF, should be connected to VREF to decouple the dynamic current required for an external
reference source if it is used for the ADC10_A. Also see the MSP430x5xx and MSP430x6xx Family User's Guide (SLAU208).
88
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com