công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VCCPLD bảng dữ liệu(PDF) 64 Page - Microsemi Corporation

tên linh kiện VCCPLD
Giải thích chi tiết về linh kiện  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VCCPLD bảng dữ liệu(HTML) 64 Page - Microsemi Corporation

Back Button VCCPLD Datasheet HTML 60Page - Microsemi Corporation VCCPLD Datasheet HTML 61Page - Microsemi Corporation VCCPLD Datasheet HTML 62Page - Microsemi Corporation VCCPLD Datasheet HTML 63Page - Microsemi Corporation VCCPLD Datasheet HTML 64Page - Microsemi Corporation VCCPLD Datasheet HTML 65Page - Microsemi Corporation VCCPLD Datasheet HTML 66Page - Microsemi Corporation VCCPLD Datasheet HTML 67Page - Microsemi Corporation VCCPLD Datasheet HTML 68Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-50
Revision 3
Table 2-67 • 3.3 V LVCMOS Wide Range Low Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.7 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Equiv.
Software
Default
Drive
Strength
Option1
Speed
Grade
tDOUT tDP
tDIN tPY tEOUT tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
100 µA
4 mA
Std.
0.63
8.71
0.05 1.67 0.45 8.71 7.25 3.87 3.76 12.45 10.99
ns
–1
0.54
7.41
0.04 1.42 0.39 7.41 6.17 3.29 3.19 10.59 9.35
ns
100 µA
6 mA
Std.
0.63
7.17
0.05 1.67 0.45 7.17 6.31 4.39 4.66 10.91 10.04
ns
–1
0.54
6.10
0.04 1.42 0.39 6.10 5.37 3.73 3.96
9.28
8.54
ns
100 µA
8 mA
Std.
0.63
7.17
0.05 1.67 0.45 7.17 6.31 4.39 4.66 10.91 10.04
ns
–1
0.54
6.10
0.04 1.42 0.39 6.10 5.37 3.73 3.96
9.28
8.54
ns
100 µA
12 mA
Std.
0.63
6.09
0.05 1.67 0.45 6.09 5.57 4.75 5.24
9.83
9.31
ns
–1
0.54
5.18
0.04 1.42 0.39 5.18 4.74 4.04 4.46
8.36
7.92
ns
100 µA
16 mA
Std.
0.63
6.09
0.05 1.67 0.45 6.09 5.57 4.75 5.24
9.83
9.31
ns
–1
0.54
5.18
0.04 1.42 0.39 5.18 4.74 4.04 4.46
8.36
7.92
ns
Notes:
1. Note that 3.3 V LVCMOS wide range is applicable to 100 µA drive strength only. The configuration will not operate at the
equivalent software default drive strength. These values are for normal ranges ONLY.
2. For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.
Table 2-68 • 3.3 V LVCMOS Wide Range High Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.7 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Equiv.
Software
Default
Drive
Strength
Option1
Speed
Grade
tDOUT
tDP
tDIN tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
100 µA
4 mA
Std.
0.63
4.75 0.05 1.67 0.45
4.75
3.73 3.87 3.97 8.48
7.46
ns
–1
0.54
4.04 0.04 1.42 0.39
4.04
3.17 3.29 3.38 7.21
6.35
ns
100 µA
6 mA
Std.
0.63
3.87 0.05 1.67 0.45
3.87
2.98 4.38 4.89 7.61
6.72
ns
–1
0.54
3.30 0.04 1.42 0.39
3.30
2.54 3.73 4.16 6.47
5.72
ns
100 µA
8 mA
Std.
0.63
3.87 0.05 1.67 0.45
3.87
2.98 4.38 4.89 7.61
6.72
ns
–1
0.54
3.30 0.04 1.42 0.39
3.30
2.54 3.73 4.16 6.47
5.72
ns
100 µA
12 mA
Std.
0.63
3.46 0.05 1.67 0.45
3.46
2.61 4.74 5.48 7.19
6.35
ns
–1
0.54
2.94 0.04 1.42
0.3
2.94
2.22 4.03 4.66 6.12
5.40
ns
100 µA
16 mA
Std.
0.63
3.46 0.05 1.67 0.45
3.46
2.61 4.74 5.48 7.19
6.35
ns
–1
0.54
2.94 0.04 1.42 0.39
2.94
2.22 4.03 4.66 6.12
5.40
ns
Notes:
1. Note that 3.3 V LVCMOS wide range is applicable to 100 µA drive strength only. The configuration will not operate at the
equivalent software default drive strength. These values are for normal ranges only.
2. For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com