công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VCCPLD bảng dữ liệu(PDF) 23 Page - Microsemi Corporation

tên linh kiện VCCPLD
Giải thích chi tiết về linh kiện  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VCCPLD bảng dữ liệu(HTML) 23 Page - Microsemi Corporation

Back Button VCCPLD Datasheet HTML 19Page - Microsemi Corporation VCCPLD Datasheet HTML 20Page - Microsemi Corporation VCCPLD Datasheet HTML 21Page - Microsemi Corporation VCCPLD Datasheet HTML 22Page - Microsemi Corporation VCCPLD Datasheet HTML 23Page - Microsemi Corporation VCCPLD Datasheet HTML 24Page - Microsemi Corporation VCCPLD Datasheet HTML 25Page - Microsemi Corporation VCCPLD Datasheet HTML 26Page - Microsemi Corporation VCCPLD Datasheet HTML 27Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
2-9
Calculating Power Dissipation
Quiescent Supply Current
Table 2-7 •
Power Supply State Per Mode
Power Supply Configurations
Modes/Power Supplies
VCC
VCCPLL
VCCI
VJTAG
VPUMP
Flash*Freeze
On
On
On
On
On/off/floating
Sleep
Off
Off
On
Off
Off
Shutdown
Off
Off
Off
Off
Off
Static and Active
On
On
On
On
On/off/floating
Table 2-8 •
Quiescent Supply Current (IDD) Characteristics, Flash*Freeze Mode*
Core Voltage
A3PE600L
A3PE3000L
Units
Nominal (25°C)
1.2 V
0.55
2.75
mA
1.5 V
0.83
4.2
mA
Typical maximum (25ºC)
1.2 V
9
17
mA
1.5 V
12
20
mA
Military maximum (125ºC)
1.2 V
65
165
mA
1.5 V
85
185
mA
Note:
*IDD includes VCC, VPUMP, VCCI, VJTAG , and VCCPLL currents. Values do not include I/O static contribution
(PDC6 and PDC7).
Table 2-9 •
Quiescent Supply Current (IDD) Characteristics, Sleep Mode (VCC = 0 V)*
Core Voltage
A3PE600L
A3PE3000L
Units
VCCI / VJTAG = 1.2 V (per bank)
Typical (25°C)
1.2 V
1.7
1.7
µA
VCCI / VJTAG = 1.5 V (per bank)
Typical (25°C)
1.2 V / 1.5 V
1.8
1.8
µA
VCCI / VJTAG = 1.8 V (per bank)
Typical (25°C)
1.2 V / 1.5 V
1.9
1.9
µA
VCCI / VJTAG = 2.5 V (per bank)
Typical (25°C)
1.2 V / 1.5 V
2.2
2.2
µA
VCCI / VJTAG = 3.3 V (per bank)
Typical (25°C)
1.2 V / 1.5 V
2.5
2.5
µA
Note:
*IDD = NBANKS × ICCI. Values do not include I/O static contribution, which is shown in Table 2-21 on page 2-16 (PDC6
and PDC7).
Table 2-10 • Quiescent Supply Current (IDD) Characteristics, Shutdown Mode*
Core Voltage
A3P250
A3P1000
A3PE600L
A3PE3000L
Units
Nominal (25°C)
1.2 V / 1.5 V
N/A
0
µA
Military (125ºC)
1.2 V / 1.5 V
N/A
0
µA
Note:
*This is applicable to A3PE600L and A3PE3000L only for cold-sparable I/O devices. Not available on A3P250 or
A3P1000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com