công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VCCPLD bảng dữ liệu(PDF) 45 Page - Microsemi Corporation

tên linh kiện VCCPLD
Giải thích chi tiết về linh kiện  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VCCPLD bảng dữ liệu(HTML) 45 Page - Microsemi Corporation

Back Button VCCPLD Datasheet HTML 41Page - Microsemi Corporation VCCPLD Datasheet HTML 42Page - Microsemi Corporation VCCPLD Datasheet HTML 43Page - Microsemi Corporation VCCPLD Datasheet HTML 44Page - Microsemi Corporation VCCPLD Datasheet HTML 45Page - Microsemi Corporation VCCPLD Datasheet HTML 46Page - Microsemi Corporation VCCPLD Datasheet HTML 47Page - Microsemi Corporation VCCPLD Datasheet HTML 48Page - Microsemi Corporation VCCPLD Datasheet HTML 49Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
2-31
Detailed I/O DC Characteristics
Table 2-33 • Summary of I/O Timing Characteristics—Software Default Settings
–1 Speed Grade, Military-Case Conditions: TJ = 125°C, Worst Case VCC = 1.425 V,
Worst Case VCCI
Applicable to Standard Plus I/O Banks for A3P250 and A3P1000 Only
I/O Standard
3.3 V LVTTL /
3.3 V LVCMOS
12 mA
12 mA High
5
– 0.54 1.90 0.04 0.94 0.39 1.94 1.47 2.61 3.01 4.03 3.56
3.3 V LVCMOS
Wide Range3
100 µA
12 mA High
5
–
0.54 2.94 0.04 1.42 0.39 2.94 2.22 4.03 4.66 6.12 5.40
2.5 V LVCMOS
12 mA
12 mA High
5
– 0.54 1.94 0.04 1.21 0.39 1.97 1.62 2.64 2.91 4.07 3.71
1.8 V LVCMOS
8 mA
8 mA
High
5
– 0.54 1.94 0.04 1.21 0.39 1.97 1.62 2.64 2.91 4.07 3.71
1.5 V LVCMOS
4 mA
4 mA
High
5
– 0.54 2.62 0.04 1.33 0.39 2.67 2.23 2.84 2.93 4.77 4.32
3.3 V PCI
Per PCI
spec.
–
High 10
25 4 0.54 2.16 0.04 0.80 0.39 2.20 1.60 2.61 3.01 4.29 3.69
3.3 V PCI-X
Per PCI-X
spec.
–
High 10
25 4 0.54 2.16 0.04 0.78 0.39 2.20 1.60 2.61 3.01 4.29 3.69
Notes:
1. Note that 3.3 V LVCMOS wide range is applicable to 100 µA drive strength only. The configuration will not operate at the
equivalent software default drive strength. These values are for normal ranges only.
2. Output delays provided in this table were extracted with an output load indicated in the Capacitive Load column. For a
specific output load, refer to Designer software. Software default load is higher.
3. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD8-B specification.
4. Resistance is used to measure I/O propagation delays as defined in PCI specifications. See Figure 2-15 on page 2-73 for
connectivity. This resistor is not required during normal operation.
5. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.
Table 2-34 • Input Capacitance
Symbol
Definition
Conditions
Min.
Max.
Units
CIN
Input capacitance
VIN = 0, f = 1.0 MHz
8
pF
CINCLK
Input capacitance on the clock pin
VIN = 0, f = 1.0 MHz
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com