công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VCCPLD bảng dữ liệu(PDF) 38 Page - Microsemi Corporation

tên linh kiện VCCPLD
Giải thích chi tiết về linh kiện  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VCCPLD bảng dữ liệu(HTML) 38 Page - Microsemi Corporation

Back Button VCCPLD Datasheet HTML 34Page - Microsemi Corporation VCCPLD Datasheet HTML 35Page - Microsemi Corporation VCCPLD Datasheet HTML 36Page - Microsemi Corporation VCCPLD Datasheet HTML 37Page - Microsemi Corporation VCCPLD Datasheet HTML 38Page - Microsemi Corporation VCCPLD Datasheet HTML 39Page - Microsemi Corporation VCCPLD Datasheet HTML 40Page - Microsemi Corporation VCCPLD Datasheet HTML 41Page - Microsemi Corporation VCCPLD Datasheet HTML 42Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-24
Revision 3
Overview of I/O Performance
Summary of I/O DC Input and Output Levels – Default I/O Software
Settings
Table 2-24 • Summary of Maximum and Minimum DC Input and Output Levels
Applicable to Military Conditions—Software Default Settings
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
I/O Standard
Drive
Strength
Equiv.
Software
Default
Drive
Strength
Option1
Slew
Rate
VIL
VIH
VOL
VOH
IOL2 IOH2
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
3.3 V LVTTL / 3.3
V LVCMOS
12 mA
12 mA High –0.3
0.8
2
3.6
0.4
2.4
12 12
3.3 V LVCMOS
Wide Range1,3
100 µA
12 mA High –0.3
0.8
2
3.6
0.2
VCCI – 0.2 0.1 0.1
2.5 V LVCMOS
12 mA
12mA
High –0.3
0.7
1.7
3.6
0.7
1.7
12 12
1.8 V LVCMOS
12 mA
12 mA High –0.3 0.35 * VCCI 0.65 * VCCI 3.6
0.45
VCCI – 0.45 12 12
1.5 V LVCMOS
12 mA
12 mA High –0.3 0.35 * VCCI 0.65 * VCCI 3.6 0.25 * VCCI 0.75 * VCCI 12 12
1.2 V LVCMOS4,5
2 mA
2 mA
High –0.3 0.35 * VCCI 0.65 * VCCI 3.6 0.25 * VCCI 0.75 * VCCI 2
2
1.2 V LVCMOS
Wide Range1,4,5
100 µA
2 mA
High –0.3 0.3 * VCCI
0.7 * VCCI
3.6
0.1
VCCI – 0.1 0.1 0.1
3.3 V PCI
Per PCI Specification
3.3 V PCI-X
Per PCI-X Specification
3.3 V GTL
20 mA6
20 mA High –0.3 VREF – 0.05 VREF + 0.05 3.6
0.4
–
20 20
2.5 V GTL
20 mA6
20 mA High –0.3 VREF – 0.05 VREF + 0.05 3.6
0.4
–
20 20
3.3 V GTL+
35 mA
35 mA High –0.3 VREF – 0.1 VREF + 0.1 3.6
0.6
–
35 35
2.5 V GTL+
33 mA
33 mA High –0.3 VREF – 0.1 VREF + 0.1 3.6
0.6
–
33 33
HSTL (I)
8 mA
8 mA
High –0.3 VREF – 0.1 VREF + 0.1 3.6
0.4
VCCI – 0.4
8
8
HSTL (II)
15 mA6 15 mA6 High –0.3 VREF – 0.1 VREF + 0.1 3.6
0.4
VCCI – 0.4 15 15
SSTL2 (I)
15 mA
15 mA High –0.3 VREF – 0.2 VREF + 0.2 3.6
0.54
VCCI – 0.62 15 15
SSTL2 (II)
18 mA
18 mA High –0.3 VREF – 0.2 VREF + 0.2 3.6
0.35
VCCI – 0.43 18 18
SSTL3 (I)
14 mA
14 mA High –0.3 VREF – 0.2 VREF + 0.2 3.6
0.7
VCCI – 1.1 14 14
SSTL3 (II)
21 mA
21 mA High –0.3 VREF – 0.2 VREF + 0.2 3.6
0.5
VCCI – 0.9 21 21
Notes:
1. Note that 1.2 V LVCMOS and 3.3 V LVCMOS wide range is applicable to 100 µA drive strength only. The configuration
will not operate at the equivalent software default drive strength These values are for normal ranges only.
2. Currents are measured at 125°C junction temperature.
3. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD-8B specification.
4. Applicable to A3PE600L and A3PE3000L devices operating at VCCI
VCC.
5. All LVCMOS 1.2 V software macros support LVCMOS 1.2 V wide range as specified in the JESD8-12 specification.
6. Output drive strength is below JEDEC specification.
7. Output slew rate can be extracted using the IBIS Models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com