| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST26VF032 bảng dữ liệu(PDF) 10 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST26VF032 bảng dữ liệu(HTML) 10 Page - Silicon Storage Technology, Inc |
|
10 / 39 page ![]() ©2011 Silicon Storage Technology, Inc. DS-25017A 04/11 10 Serial Quad I/O (SQI) Flash Memory SST26VF016 / SST26VF032 Data Sheet A Microchip Technology Company Write-Enable Latch (WEL) The Write-Enable Latch (WEL) bit indicates the status of the internal memory’s Write-Enable Latch. If the WEL bit is set to ‘1’, the device is write enabled. If the bit is set to ‘0’ (reset), the device is not write enabled and does not accept any memory Program or Erase, Protection Register Write, or Lock-Down commands. The Write-Enable Latch bit is automatically reset under the following conditions: • Power-up • Reset • Write-Disable (WRDI) instruction completion • Page-Program instruction completion • Sector-Erase instruction completion • Block-Erase instruction completion • Chip-Erase instruction completion • Write-Block-Protection register instruction • Lock-Down Block-Protection register instruction • Program Security ID instruction completion • Lockout Security ID instruction completion • Write-Suspend instruction Write Suspend Erase Status (WSE) The Write Suspend-Erase Status (WSE) indicates when an Erase operation has been suspended. The WSE bit is ‘1’ after the host issues a suspend command during an Erase operation. Once the sus- pended Erase resumes, the WSE bit is reset to ‘0.’ Write Suspend Program Status (WSP) The Write Suspend-Program Status (WSP) bit indicates when a Program operation has been sus- pended. The WSP is ‘1’ after the host issues a suspend command during the Program operation. Once the suspended Program resumes, the WSP bit is reset to ‘0.’ Write Protection Lockdown Status (WPLD) The Write Protection-Lockdown Status (WPLD) bit indicates when the Block Protection register is locked-down to prevent changes to the protection settings. The WPLD is ‘1’ after the host issues a Lock-Down Block Protection command. After a power cycle, the WPLD bit is reset to ‘0.’ Security ID Status (SEC) The Security ID Status (SEC) bit indicates when the Security ID space is locked to prevent a Write command. The SEC is ‘1’ after the host issues a Lockout SID command. Once the host issues a Lock- out SID command, the SEC bit can never be reset to ‘0.’ Busy The Busy bit determines whether there is an internal Erase or Program operation in progress. If the BUSY bit is ‘1’, the device is busy with an internal Erase or Program operation. If the bit is ‘0’, no Erase or Program operation is in progress. |