| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST26VF032 bảng dữ liệu(PDF) 38 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST26VF032 bảng dữ liệu(HTML) 38 Page - Silicon Storage Technology, Inc |
|
38 / 39 page ![]() ©2011 Silicon Storage Technology, Inc. DS-25017A 04/11 38 Serial Quad I/O (SQI) Flash Memory SST26VF016 / SST26VF032 Data Sheet A Microchip Technology Company Figure 31:8-Lead, Small Outline Integrated Circuit (SOIC) SST Package Code: S2A 2.16 1.75 08-soic-EIAJ-S2A-3 Note: 1. All linear dimensions are in millimeters (max/min). 2. Coplanarity: 0.1 mm 3. Maximum allowable mold flash is 0.15 mm at the package ends and 0.25 mm between leads. TOP VIEW SIDE VIEW END VIEW 5.40 5.15 8.10 7.70 5.40 5.15 Pin #1 Identifier 0.50 0.35 1.27 BSC 0.25 0.05 0.25 0.19 0.80 0.50 0° 8° 1mm |