| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST26VF032 bảng dữ liệu(PDF) 24 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST26VF032 bảng dữ liệu(HTML) 24 Page - Silicon Storage Technology, Inc |
|
24 / 39 page ![]() ©2011 Silicon Storage Technology, Inc. DS-25017A 04/11 24 Serial Quad I/O (SQI) Flash Memory SST26VF016 / SST26VF032 Data Sheet A Microchip Technology Company Write-Enable (WREN) The Write-Enable (WREN) instruction sets the Write-Enable-Latch bit in the Status Register to ‘1,’ allowing Write operations to occur. The WREN instruction must be executed prior to any of the follow- ing operations: Sector Erase, Block Erase, Chip Erase, Page Program, Program Security ID, Lockout Security ID, Write Block-Protection Register and Lockdown Block-Protection Register. To execute a Write Enable the host drives CE# low then sends the Write Enable command cycle (06H) then drives CE# high. A cycle is two nibbles (clocks) long, most significant nibble first. See Figure 20 for the WREN instruction sequence. Figure 20:Write-Enable Sequence Write-Disable (WRDI) The Write-Disable (WRDI) instruction sets the Write-Enable-Latch bit in the Status Register to ‘0,’ pre- venting Write execution without a prior WREN instruction. To execute a Write-Disable, the host drives CE# low, sends the Write Disable command cycle (04H), then drives CE# high. A cycle is two nibbles long, most significant nibble first. Figure 21:Write-Disable (WRDI) Sequence 1359 F12.0 MODE 3 0 1 SCK SIO(3:0) CE# C1 C0 MODE 0 Note: C[1:0] = 1359 F33.0 MODE 3 0 1 SCK SIO(3:0) CE# C1 C0 MODE 0 Note: C[1:0] = 04H |