| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST26VF032 bảng dữ liệu(PDF) 37 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST26VF032 bảng dữ liệu(HTML) 37 Page - Silicon Storage Technology, Inc |
|
37 / 39 page ![]() ©2011 Silicon Storage Technology, Inc. DS-25017A 04/11 37 Serial Quad I/O (SQI) Flash Memory SST26VF016 / SST26VF032 Data Sheet A Microchip Technology Company Packaging Diagrams Figure 30:8-Contact Very-very-thin, Small-outline, No-lead (WSON) SST Package Code: QA Note: 1. All linear dimensions are in millimeters (max/min). 2. Untoleranced dimensions (shown with box surround) are nominal target dimensions. 3. The external paddle is electrically connected to the die back-side and possibly to certain VSS leads. This paddle can be soldered to the PC board; it is suggested to connect this paddle to the VSS of the unit. Connection of this paddle to any other voltage potential can result in shorts and/or electrical malfunction of the device. 8-wson-5x6-QA-9.0 4.0 1.27 BSC Pin #1 0.48 0.35 0.076 3.4 5.00 0 .10 6.00 0.10 0.05 Max 0.70 0.50 0.80 0.70 0.80 0.70 Pin #1 Corner TOPVIEW BOTTOMVIEW CROSS SECTION SIDE VIEW 1mm 0.2 |