| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST26VF032 bảng dữ liệu(PDF) 31 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST26VF032 bảng dữ liệu(HTML) 31 Page - Silicon Storage Technology, Inc |
|
31 / 39 page ![]() ©2011 Silicon Storage Technology, Inc. DS-25017A 04/11 31 Serial Quad I/O (SQI) Flash Memory SST26VF016 / SST26VF032 Data Sheet A Microchip Technology Company Power-Up Specifications All functionalities and DC specifications are specified for a VDD ramp rate of greater than 1V per 100 ms (0V to 2.7V in less than 270 ms). See Table 11 and Figure 25 for more information. Figure 25:Power-up Timing Diagram Table 11:Recommended System Power-up Timings Symbol Parameter Minimum Units TPU-READ1 1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter. VDD Min to Read Operation 100 µs TPU-WRITE1 VDD Min to Write Operation 100 µs T11.0 25017 Time VDD Min VDD Max VDD Device fully accessible TPU-READ TPU-WRITE Chip selection is not allowed. Commands may not be accepted or properly interpreted by the device. 1359 F27.0 |